Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSE2002B3C Datasheet (PDF) - Renesas Technology Corp

TSE2002B3C Datasheet PDF - Renesas Technology Corp
Part # TSE2002B3C
Download  TSE2002B3C Download
File Size   621.96 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Temperature Sensor with Integrated EEPROM for Memory Modules

TSE2002B3C Datasheet (PDF)

Go To PDF Page Download Datasheet
TSE2002B3C Datasheet PDF - Renesas Technology Corp

Part # TSE2002B3C
Download  TSE2002B3C Click to download

File Size   621.96 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Temperature Sensor with Integrated EEPROM for Memory Modules

TSE2002B3C Datasheet (HTML) - Renesas Technology Corp


TSE2002B3C Product details

Features
• Temperature Sensor + 256 Byte Serial EEPROM
• 256 Byte Serial EEPROM for SPD
• Single Supply: 3V to 3.6V
• Accurate timeout support
- Meets strict SMBus spec of 25ms (min), 35ms (max)
• Timeout supported for Temp Sensor and EEPROM
• Timeout supported in all Modes
– Active mode for Temp sensor and EEPROM
– EEPROM in standby or Temp sensor in shutdown
– EEPROM in standby and Temp sensor in shutdown
• Schmitt trigger and noise filtering on bus inputs
• 2-wire Serial Interface: 10-400 kHz I2C™ /SMBus™
• Available Packages: DFN-8, TDFN-8
Temperature Sensor Features
• Temperature Converted to Digital Data
• Sampling Rate of 100ms (max)
• Selectable 0, 1.5°C, 3°C, 6°C Hysteresis
• Programmable Resolution from 0.0625°C to 0.5°C
• Accuracy:
– ±0.5°C/±1°C (typ./max.) from -20°C to +125°C
Serial EEPROM Features
• Permanent and Reversible Software Write Protect
• Software Write Protection for the lower 128 bytes
• Byte and page write (up to 16 bytes)
• Self-time Write cycle
• Automatic address incrementing
• Organized as 1 block of 256 bytes (256x8)
Typical Applications
• DIMM Modules (DDR2, DDR3)
• Servers, Laptops, Ultra-portables, PCs, etc.
• High end audio / video equipment
• Industrial temperature monitors
• Hard Disk Drives and Other PC Peripherals




Similar Part No. - TSE2002B3C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
TSE2002GB2A1 IDT-TSE2002GB2A1 Datasheet
357Kb / 30P
Accurate timeout support
logo
Renesas Technology Corp
TSE2002GB2A1 RENESAS-TSE2002GB2A1 Datasheet
540Kb / 31P
Temperature Sensor with Integrated EEPROM for Memory Integrated EEPROM for Memory
July 17, 2012
More results


Similar Description - TSE2002B3C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP98242 MICROCHIP-MCP98242 Datasheet
1Mb / 46P
Memory Module Temperature Sensor w/ EEPROM for SPD
2006
MCP98242 MICROCHIP-MCP98242_09 Datasheet
1Mb / 52P
Memory Module Temperature Sensor w/EEPROM for SPD
2009
MCP98243 MICROCHIP-MCP98243 Datasheet
1Mb / 62P
Memory Module Temperature Sensor w/ EEPROM for SPD
2009
logo
ATMEL Corporation
AT30TSE004 ATMEL-AT30TSE004_14 Datasheet
1Mb / 47P
Integrated Temperature Sensor with Serial EEPROM
AT30TSE004A ATMEL-AT30TSE004A_14 Datasheet
1Mb / 45P
Integrated Temperature Sensor with Serial EEPROM
logo
Integrated Device Techn...
TSE2004GB2C0 IDT-TSE2004GB2C0 Datasheet
981Kb / 38P
DDR4 Temperature Sensor with Integrated 4Kbit EEPROM for Memory Module
logo
ATMEL Corporation
AT30TSE004A ATMEL-AT30TSE004A Datasheet
1Mb / 45P
Integrated Temperature Sensor with Serial EEPROM
logo
Renesas Technology Corp
TSE2004GB2C0 RENESAS-TSE2004GB2C0 Datasheet
1Mb / 35P
DDR4 Temperature Sensor with Integrated 4Kbit EEPROM for Memory Module
May 10, 2018
TSE2002GB2A1 RENESAS-TSE2002GB2A1 Datasheet
540Kb / 31P
Temperature Sensor with Integrated EEPROM for Memory Integrated EEPROM for Memory
July 17, 2012
TSE2004GB2B0 RENESAS-TSE2004GB2B0 Datasheet
1Mb / 32P
DDR4 Temperature Sensor with Integrated 4Kbit EEPROM for Memory Modules
May 9, 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com