Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7762ARW Datasheet (PDF) - Analog Devices

ADE7762ARW Datasheet PDF - Analog Devices
Part # ADE7762ARW
Download  ADE7762ARW Download
File Size   856.34 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Polyphase Energy Metering IC with Phase Drop Indication

ADE7762ARW Datasheet (PDF)

Go To PDF Page Download Datasheet
ADE7762ARW Datasheet PDF - Analog Devices

Part # ADE7762ARW
Download  ADE7762ARW Click to download

File Size   856.34 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Polyphase Energy Metering IC with Phase Drop Indication

ADE7762ARW Datasheet (HTML) - Analog Devices


ADE7762ARW Product details

GENERAL DESCRIPTION
The ADE77621 is a high accuracy polyphase electrical energy measurement IC. The ADE7762 specifications surpass the accuracy requirements as quoted in the IEC62053-21 standard.
The only analog circuitry used in the ADE7762 is in the analog-to-digital converters (ADCs) and reference circuit. All other signal processing (for example, multiplication, filtering, and summation) is carried out in the digital domain. This approach provides superior stability and accuracy over extremes in environmental conditions and over time.

FEATURES
   High accuracy supports 50 Hz/60 Hz IEC62053-21
   Less than 0.1% error over a dynamic range of 500 to 1
   Compatible with 3-phase 3-wire delta and 3-phase 4-wire Wye
      configurations
   Supplies average active power on the frequency outputs F1 and F2
   High frequency output (CF) is intended for calibration and
      supplies instantaneous active power
   Logic output REVP indicates a potential miswiring or negative
      power on the sum of all phases
   Dropout indication for each phase on LED driver pins
   Phase sequence error detection
   Direct drive for electromechanical counters and 2-phase stepper
      motors (F1 and F2)
   Proprietary ADCs and DSP provide high accuracy over large
      variations in environmental conditions and time
   On-chip power supply monitoring
   On-chip creep protection (no load threshold)
   On-chip reference 2.4 V ± 8% (25 ppm/°C typical) with external
      overdrive capability
   Single 5 V supply, low power (TBD mW typical)
   Low cost CMOS process




Similar Part No. - ADE7762ARW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7762 AD-ADE7762_15 Datasheet
424Kb / 28P
Polyphase Energy Metering IC with Phase Drop Indication
REV. 0
More results


Similar Description - ADE7762ARW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7752B AD-ADE7752B Datasheet
326Kb / 27P
Polyphase Energy Metering IC with Pulsed Output
ADE7880 AD-ADE7880 Datasheet
1Mb / 104P
Polyphase Multifunction Energy Metering IC
REV. A
ADE7752AAR AD-ADE7752AAR Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752AAR AD-ADE7752AAR Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752AARZ AD-ADE7752AARZ Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752ARZ AD-ADE7752ARZ Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752 AD-ADE7752_15 Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752A AD-ADE7752A_15 Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7762 AD-ADE7762_15 Datasheet
424Kb / 28P
Polyphase Energy Metering IC with Phase Drop Indication
REV. 0
logo
Sames
SA4301A SAMES-SA4301A Datasheet
636Kb / 23P
Polyphase Energy Metering IC with Pulse Outputs
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com