Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA7015 Datasheet (PDF) - Major-Power Technology Co., LTD.

MA7015 Datasheet PDF - Major-Power Technology Co., LTD.
Part # MA7015
Download  MA7015 Download
File Size   167.37 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description Hall Effect Switch

MA7015 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA7015 Datasheet PDF - Major-Power Technology Co., LTD.

Part # MA7015
Download  MA7015 Click to download

File Size   167.37 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description Hall Effect Switch

MA7015 Datasheet (HTML) - Major-Power Technology Co., LTD.


MA7015 Product details

GENERAL DESCRIPTION
MA7015 is a Hall effect sensor IC. The device includes an on-chip Hall voltage generator
for magnetic sensing, a comparator that amplifies the Hall voltage, and a Schmitt trigger to
provide switching hysteresis for noise rejection, and open-drain output. An internal band-gap
regulator is used to provide temperature compensated supply voltage for internal circuits and
allows a wide operating supply range.
If a magnetic flux density larger than threshold Bop, OUT is turned on(low). The output
state is held until a magnetic flux density reversal falls below Brp causing OUT to be turned
off (high).

FEATURES
- 2.5V to 26V Wide Operation Voltage
- Temperature Compensation
- Open-Drain Pre-Driver
- 25mA Maximum Sinking Output Current.
- Low Profile SOT23-3L and SIP-3L(TO-92S) Packages( Green and Lead Free )




Similar Part No. - MA7015

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA7010 MPOWER-MA7010 Datasheet
394Kb / 7P
Unipolar Hall Effect Switch
logo
Murata Manufacturing Co...
MA70101BAN MURATA-MA70101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA70101BBN MURATA-MA70101BBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA70101CAN MURATA-MA70101CAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA70101CBN MURATA-MA70101CBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results


Similar Description - MA7015

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52001GUL ROHM-BU52001GUL Datasheet
194Kb / 6P
Hall effect Switch
BU52003GUL ROHM-BU52003GUL Datasheet
189Kb / 6P
Hall effect Switch
BU52004GUL ROHM-BU52004GUL Datasheet
201Kb / 6P
Hall effect Switch
BU52012HFV ROHM-BU52012HFV Datasheet
186Kb / 6P
Hall effect Switch
BU52013HFV ROHM-BU52013HFV Datasheet
185Kb / 6P
Hall effect Switch
BU52014HFV ROHM-BU52014HFV Datasheet
197Kb / 6P
Hall effect Switch
BU52021HFV ROHM-BU52021HFV Datasheet
193Kb / 6P
Hall effect Switch
BU52002GUL ROHM-BU52002GUL Datasheet
189Kb / 6P
Hall effect Switch
BU52015GUL ROHM-BU52015GUL Datasheet
192Kb / 5P
Hall effect Switch
logo
Major-Power Technology ...
MA7016 MPOWER-MA7016 Datasheet
123Kb / 2P
Hall Effect Switch
Rev.1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com