Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA7025 Datasheet (PDF) - Major-Power Technology Co., LTD.

MA7025 Datasheet PDF - Major-Power Technology Co., LTD.
Part # MA7025
Download  MA7025 Download
File Size   124.3 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description Single Output Hall Effect Latch

MA7025 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA7025 Datasheet PDF - Major-Power Technology Co., LTD.

Part # MA7025
Download  MA7025 Click to download

File Size   124.3 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description Single Output Hall Effect Latch

MA7025 Datasheet (HTML) - Major-Power Technology Co., LTD.


MA7025 Product details

GENERAL DESCRIPTION
MA7025 is an integrated Hall effect latched sensor designed for electronic commutation
of brush-less DC motor applications. The device is using HV BCD process includes an
on-chip Hall voltage generator for magnetic sensing, a comparator that amplifies the Hall
voltage, and a Schmitt trigger to provide switching hysteresis for noise rejection, and
open-collector output. An internal band-gap regulator is used to provide temperature
compensated supply voltage for internal circuits and allows a wide operating supply range.
If a magnetic flux density larger than threshold Bop, OUT is turned on(low). The output
state is held until a magnetic flux density reversal falls below Brp causing OUT to be turned
off (high).

FEATURES
- 2.5V to 26V DC Operation Voltage
- Temperature Compensation
- Wide Operating Voltage Range
- Open-Drain Pre-Driver
- 25mA Maximum Sinking Output Current.
- Packages: SOT23-3L, SIP-3L(TO-92S), SOT553.




Similar Part No. - MA7025

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MA702 MPS-MA702 Datasheet
1Mb / 17P
MagAlpha Communication Kit
MA702 MPS-MA702 Datasheet
879Kb / 11P
Rotary Knob Kit for the MagAlpha
MA702 MPS-MA702 Datasheet
879Kb / 11P
Rotary Knob Kit for the MagAlpha
logo
Major-Power Technology ...
MA7020 MPOWER-MA7020 Datasheet
445Kb / 9P
Single Output Hall Effect Latch
MA7020P3 MPOWER-MA7020P3 Datasheet
445Kb / 9P
Single Output Hall Effect Latch
More results


Similar Description - MA7025

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ATS177 ANACHIP-ATS177 Datasheet
193Kb / 6P
Single Output Hall Effect Latch
Rev.A6 Jun 23, 2004
logo
Diodes Incorporated
ATS177 DIODES-ATS177 Datasheet
149Kb / 8P
SINGLE OUTPUT HALL EFFECT LATCH
ATS177 Rev. 1
ATS177 DIODES-ATS177_10 Datasheet
170Kb / 9P
SINGLE OUTPUT HALL EFFECT LATCH
DS31055 Rev. 6 - 2
logo
Unisonic Technologies
U651 UTC-U651_15 Datasheet
137Kb / 3P
SINGLE OUTPUT HALL EFFECT LATCH
logo
Major-Power Technology ...
MA7023 MPOWER-MA7023 Datasheet
352Kb / 7P
Single Output Hall Effect Latch
MA7021 MPOWER-MA7021 Datasheet
396Kb / 8P
Single Output Hall Effect Latch
MA177 MPOWER-MA177 Datasheet
231Kb / 5P
Single Output Hall Effect Latch
MA177H MPOWER-MA177H Datasheet
111Kb / 2P
Single Output Hall Effect Latch
Rev.1.1
MA7024 MPOWER-MA7024 Datasheet
123Kb / 2P
Single Output Hall Effect Latch
Rev.1.2
MA7026 MPOWER-MA7026 Datasheet
116Kb / 2P
Single Output Hall Effect Latch
Rev.1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com