Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA7080 Datasheet (PDF) - Major-Power Technology Co., LTD.

MA7080 Datasheet PDF - Major-Power Technology Co., LTD.
Part # MA7080
Download  MA7080 Download
File Size   166.17 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description Dual-Channel Output Hall Effect Latch

MA7080 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA7080 Datasheet PDF - Major-Power Technology Co., LTD.

Part # MA7080
Download  MA7080 Click to download

File Size   166.17 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description Dual-Channel Output Hall Effect Latch

MA7080 Datasheet (HTML) - Major-Power Technology Co., LTD.


MA7080 Product details

GENERAL DESCRIPTION
MA7080 is a dual-channel, bipolar switch with two Hall effect sensing elements, each
providing a separate digital output for speed and direction signal processing capability. The
device is using HV BCD process includes an on-chip Hall voltage generator for magnetic
sensing, a comparator that amplifies the Hall voltage, and a Schmitt trigger to provide
switching hysteresis for noise rejection, and open-collector output. An internal band-gap
regulator is used to provide temperature compensated supply voltage for internal circuits and
allows a wide operating supply range.
If a magnetic flux density larger than threshold Bop, OUT is turned on(low). The output
state is held until a magnetic flux density reversal falls below Brp causing OUT to be turned
off (high).

FEATURES
- 2.5V to 26V DC Operation Voltage
- Dual-Channel Output
- 1 mm Hall Element Spacing
- Temperature Compensation
- Open-Drain Pre-Driver
- 25mA Maximum Sinking Output Current.
- Package : SIP-4L




Similar Part No. - MA7080

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA700 PANASONIC-MA700 Datasheet
80Kb / 3P
Silicon epitaxial planar type
logo
Galaxy Semi-Conductor H...
MA700 BILIN-MA700 Datasheet
48Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
SEMTECH ELECTRONICS LTD...
MA700 SEMTECH_ELEC-MA700 Datasheet
127Kb / 1P
SILICON EPITAXIAL PLANAR TYPE SCHOTTKY BARRIER DIODES
logo
EIC discrete Semiconduc...
MA700 EIC-MA700 Datasheet
102Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Shenzhen Luguang Electr...
MA700 LUGUANG-MA700 Datasheet
152Kb / 3P
Small Signal Schottky Diodes
More results


Similar Description - MA7080

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ATS177 ANACHIP-ATS177 Datasheet
193Kb / 6P
Single Output Hall Effect Latch
Rev.A6 Jun 23, 2004
logo
List of Unclassifed Man...
MLX90224 ETC-MLX90224 Datasheet
174Kb / 8P
DUAL HALL EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH276 BCDSEMI-AH276 Datasheet
178Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH277A BCDSEMI-AH277A Datasheet
172Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Diodes Incorporated
ATS177 DIODES-ATS177 Datasheet
149Kb / 8P
SINGLE OUTPUT HALL EFFECT LATCH
ATS177 Rev. 1
AH276Q DIODES-AH276Q_09 Datasheet
188Kb / 8P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
Rev erse
AH277A DIODES-AH277A Datasheet
857Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
Rev ersed
logo
Melexis Microelectronic...
MLX90224 MELEXIS-MLX90224_14 Datasheet
486Kb / 10P
Dual Hall Effect Latch
logo
Major-Power Technology ...
MA7023 MPOWER-MA7023 Datasheet
352Kb / 7P
Single Output Hall Effect Latch
MA7024 MPOWER-MA7024 Datasheet
123Kb / 2P
Single Output Hall Effect Latch
Rev.1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com