Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA7141 Datasheet (PDF) - Major-Power Technology Co., LTD.

MA7141 Datasheet PDF - Major-Power Technology Co., LTD.
Part # MA7141
Download  MA7141 Download
File Size   120.93 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description Single Phase Hall Effect Fan Driver With PWM Soft Switch

MA7141 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA7141 Datasheet PDF - Major-Power Technology Co., LTD.

Part # MA7141
Download  MA7141 Click to download

File Size   120.93 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description Single Phase Hall Effect Fan Driver With PWM Soft Switch

MA7141 Datasheet (HTML) - Major-Power Technology Co., LTD.


MA7141 Product details

GENERAL DESCRIPTION
The MA7141 is an integrated Hall sensor with H-Bridged output driver designed for
brushless DC motor applications. The device includes an on-chip Hall sensor for magnetic
sensing, an amplifier that amplifies the Hall voltage, a comparator to provide switching
hysteresis for noise rejection, a bi-directional drivers for sinking and driving large current
load.
To avoid coil burning, rotor-lock shutdown detection circuit shut down the output driver if
the rotor is blocked and then the automatic recovery circuit will try to restart the motor. This
function repeats while rotor is blocked. Until the blocking is removed, the motor recovers
running normally.

FEATURES
- On-Chip High Sensitivity Hall-effect Sensor
- Operating Voltage: 3.0V to 28V
- PWM Soft Switch
- Built-in Reverse Protection Diode and Thermal Shutdown Protection
- Low Output Switching Current Noise
- Rotor-locked Shutdown and Automatically Restart Function
- -40°C to 85°C Operating Temperature
- Low Profile SIP-4L Package




Similar Part No. - MA7141

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA714 PANASONIC-MA714 Datasheet
46Kb / 2P
Silicon epitaxial planar type
logo
Major-Power Technology ...
MA7140 MPOWER-MA7140 Datasheet
120Kb / 2P
Single Phase Hall Effect Fan Driver With PWM Soft Switch
Rev.1.0
MA7140FCA MPOWER-MA7140FCA Datasheet
120Kb / 2P
Single Phase Hall Effect Fan Driver With PWM Soft Switch
Rev.1.0
MA7140FCPA MPOWER-MA7140FCPA Datasheet
120Kb / 2P
Single Phase Hall Effect Fan Driver With PWM Soft Switch
Rev.1.0
MA7140P4A MPOWER-MA7140P4A Datasheet
120Kb / 2P
Single Phase Hall Effect Fan Driver With PWM Soft Switch
Rev.1.0
More results


Similar Description - MA7141

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA7130 MPOWER-MA7130 Datasheet
203Kb / 8P
Single Phase Hall Effect Fan Driver
MA477M MPOWER-MA477M Datasheet
119Kb / 2P
Single Phase Hall Effect Fan Driver
MA477L MPOWER-MA477L Datasheet
116Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.0
MA477MM MPOWER-MA477MM Datasheet
174Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.0
MA479 MPOWER-MA479 Datasheet
120Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.1
MA7131 MPOWER-MA7131 Datasheet
122Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.2
MA7132 MPOWER-MA7132 Datasheet
139Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.1
MA7140 MPOWER-MA7140 Datasheet
120Kb / 2P
Single Phase Hall Effect Fan Driver With PWM Soft Switch
Rev.1.0
MA7142 MPOWER-MA7142 Datasheet
166Kb / 2P
Single Phase Hall Effect Fan Driver With PWM Soft Switch
Rev.1.0
MA7143 MPOWER-MA7143 Datasheet
121Kb / 2P
Single Phase Hall Effect Fan Driver With PWM Soft Switch
Rev.1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com