Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5310 Datasheet (PDF) - Analog Devices

ADL5310 Datasheet PDF - Analog Devices
Part # ADL5310
Download  ADL5310 Download
File Size   665.52 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter

ADL5310 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5310 Datasheet PDF - Analog Devices

Part # ADL5310
Download  ADL5310 Click to download

File Size   665.52 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter

ADL5310 Datasheet (HTML) - Analog Devices


ADL5310 Product details

PRODUCT DESCRIPTION
The ADL53101 low cost, dual logarithmic amplifier converts input current over a wide dynamic range to a linear-in-dB output voltage. It is optimized to determine the optical power in wide-ranging optical communication system applications, including control circuitry for lasers, optical switches, attenuators, and amplifiers, as well as system monitoring.

FEATURES
    2 independent channels optimized for photodiode interfacing
    6-decade input dynamic range
        Law conformance 0.3 dB from 3 nA to 3 mA
    Temperature-stable logarithmic outputs
    Nominal slope 10 mV/dB (200 mV/dec), externally scalable
    Intercepts may be independently set by external resistors
    User-configurable output buffer amplifiers
    Single- or dual-supply operation
    Space-efficient, 24-lead 4 mm × 4 mm LFCSP
    Low power: < 10 mA quiescent current

APPLICATIONS
    Gain and absorbance measurements
    Multichannel power monitoring
    General-purpose baseband log compression




Similar Part No. - ADL5310

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5310 AD-ADL5310 Datasheet
595Kb / 20P
120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
ADL5310 AD-ADL5310 Datasheet
570Kb / 20P
Dual Logarithmic Converter
4/2018-Rev. A to Rev. B
ADL5310-EVAL AD-ADL5310-EVAL Datasheet
595Kb / 20P
120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
ADL5310-EVAL AD-ADL5310-EVAL Datasheet
595Kb / 20P
120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
ADL5310-EVALZ AD-ADL5310-EVALZ Datasheet
570Kb / 20P
Dual Logarithmic Converter
4/2018-Rev. A to Rev. B
More results


Similar Description - ADL5310

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8304 AD-AD8304 Datasheet
4Mb / 20P
160 dB Range (100 pA -10 mA) Logarithmic Converter
8/02-Data Sheet changed from REV. 0 to REV. A.
AD8305 AD-AD8305 Datasheet
1Mb / 20P
100 dB Range (10 nA to 1 mA) Logarithmic Converter
3/03-Data Sheet changed from REV. 0 to REV. A.
ADL5306 AD-ADL5306 Datasheet
811Kb / 16P
60 dB Range (100 nA to 100 UA) Low Cost Logarithmic Converter
ADL5315 AD-ADL5315 Datasheet
407Kb / 20P
Precision Wide Range (3 nA to 3 mA) High-Side Current Mirror
10/05-Revision 0
AD8304ARUZ AD-AD8304ARUZ Datasheet
579Kb / 20P
160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
AD8305ACPZ AD-AD8305ACPZ Datasheet
429Kb / 24P
100 dB Range (10 nA to 1 mA) ogarithmic Converter
REV. B
AD8304 AD-AD8304_15 Datasheet
579Kb / 20P
160 dB Range Logarithmic Converter
REV. A
AD8305 AD-AD8305_15 Datasheet
429Kb / 24P
100 dB Range Logarithmic Converter
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com