Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA7212 Datasheet (PDF) - Major-Power Technology Co., LTD.

MA7212 Datasheet PDF - Major-Power Technology Co., LTD.
Part # MA7212
Download  MA7212 Download
File Size   121.16 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description Complementary Output Hall Effect Fan Driver

MA7212 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA7212 Datasheet PDF - Major-Power Technology Co., LTD.

Part # MA7212
Download  MA7212 Click to download

File Size   121.16 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description Complementary Output Hall Effect Fan Driver

MA7212 Datasheet (HTML) - Major-Power Technology Co., LTD.


MA7212 Product details

GENERAL DESCRIPTION
MA7212 is integrated Hall sensors with output drivers, mainly designed for electronic
commutation of brush-less DC Fan. This IC is using HV BCD process internally includes the
regulator, protecting diode, Hall plate, amplifier, comparator, and a pair of complementary
open-Drain outputs (DO, DOB).
To avoid coil burning, rotor-lock shutdown detection circuit shut down the output driver if
the rotor is blocked and then the automatic recovery circuit will try to restart the motor. This
function repeats while rotor is blocked. Until the blocking is removed, the motor recovers
running normally.

FEATURES
- Built-in protecting diode only for chip reverse power connecting
- Wide operating voltage range: 2.5V~18V
- Output sink current up to 0.6A
- On-Chip High sensitivity Hall-effect Sensor
- Thermal Shutdown Protection
- -40°C to 85°C Operating Temperature
- Rotor-locked shutdown and automatically restart function
- For 5V and 12V DC motor / FAN systems
- Low Profile SIP-4L Package




Similar Part No. - MA7212

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA721 PANASONIC-MA721 Datasheet
45Kb / 2P
Silicon epitaxial planar type
logo
Major-Power Technology ...
MA7210 MPOWER-MA7210 Datasheet
350Kb / 6P
Complementary Output Hall Effect Fan Driver
logo
Murata Manufacturing Co...
MA72101BAN MURATA-MA72101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA72101BBN MURATA-MA72101BBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA72101CAN MURATA-MA72101CAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results


Similar Description - MA7212

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA7201 MPOWER-MA7201 Datasheet
388Kb / 6P
Complementary Output Hall Effect Fan Driver
MA7202 MPOWER-MA7202 Datasheet
326Kb / 6P
Complementary Output Hall Effect Fan Driver
MA7210 MPOWER-MA7210 Datasheet
350Kb / 6P
Complementary Output Hall Effect Fan Driver
MA276 MPOWER-MA276 Datasheet
235Kb / 5P
Complementary Output Hall Effect Fan Driver
MA277 MPOWER-MA277 Datasheet
328Kb / 6P
Complementary Output Hall Effect Fan Driver
MA211K MPOWER-MA211K Datasheet
121Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.1.1
MA266 MPOWER-MA266 Datasheet
120Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.1.3
MA280 MPOWER-MA280 Datasheet
123Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.1.0
MA284 MPOWER-MA284 Datasheet
120Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.1.3
MA382 MPOWER-MA382 Datasheet
121Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com