Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA7500 Datasheet (PDF) - Major-Power Technology Co., LTD.

MA7500 Datasheet PDF - Major-Power Technology Co., LTD.
Part # MA7500
Download  MA7500 Download
File Size   149.54 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description SINGLE PHASE FULL-WAVE MOTOR DRIVER

MA7500 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA7500 Datasheet PDF - Major-Power Technology Co., LTD.

Part # MA7500
Download  MA7500 Click to download

File Size   149.54 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description SINGLE PHASE FULL-WAVE MOTOR DRIVER

MA7500 Datasheet (HTML) - Major-Power Technology Co., LTD.


MA7500 Product details

GENERAL DESCRIPTION
The MA7500 is a high performance, low noise, single phase, full wave brushless motor
driver with PWM input for motor speed control, suitable for fan and blower motors.
The MA7500 features the soft-start function to prevent motor inrush current. To protect the motor
coil, it provides rotor lock protection which turn-off the outputs when rotor lock is detected. The
device automatically re-starts with soft-start when the rotor lock condition is removed. The
MA7500 provides DC or PWM signal input to control fan speed and the rotation frequency is
generated by FG output. The device is available in TSSOP14L-EP package.

FEATURES
- Input Operating Voltage: 4V to 18V
- 1.5A Driving Current
- Internal Soft-Start Function
- Soft-Switch Operation
- Auto-Gain-Control (AGC) Function
- Current Limit Protection (1.8A Typical)
- Speed Control via external PWM/DC or Thermistor Signal
- Rotor Lock Protection, Output Shutdown and Automatic Re-Start
- Reference Voltage Output
- Built-in Hall Amplifier for Hall Element Input
- Frequency Generator (FG) Output
- Thermal Shutdown Protection
- -40°C to 125°C Operating Temperature
- Available in TSSOP14L-EP Package




Similar Part No. - MA7500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA750 ETC2-MA750 Datasheet
2Mb / 31P
Pantheon Antenna 5in1 MA.750 Screw-Mount
logo
Monolithic Power System...
MA750 MPS-MA750 Datasheet
1Mb / 17P
MagAlpha Communication Kit
MA750 MPS-MA750 Datasheet
879Kb / 11P
Rotary Knob Kit for the MagAlpha
MA750 MPS-MA750 Datasheet
879Kb / 11P
Rotary Knob Kit for the MagAlpha
logo
List of Unclassifed Man...
MA750.A.ABICG-.003 ETC2-MA750.A.ABICG-.003 Datasheet
692Kb / 33P
Antenna 5in1 MA.750 Screw-Mount
More results


Similar Description - MA7500

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6427F ROHM-BA6427F Datasheet
77Kb / 5P
Single-phase full-wave motor driver
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
Single-Phase Full-Wave Fan Motor Driver
LB11964T SANYO-LB11964T Datasheet
77Kb / 5P
Single-Phase Full-Wave Fan Motor Driver
LV8063TT SANYO-LV8063TT Datasheet
112Kb / 8P
Fan Motor Driver Single-Phase Full-Wave Driver
logo
Unisonic Technologies
F6908 UTC-F6908_15 Datasheet
255Kb / 7P
SINGLE-PHASE FULL-WAVE MOTOR DRIVER IC
logo
Shaoxing Devechip Micro...
SDC11168 SDC-SDC11168 Datasheet
418Kb / 10P
Single-phase Full-wave Motor Driver
SDC11169 SDC-SDC11169 Datasheet
372Kb / 11P
Single-phase Full-wave Motor Driver
SDC11170 SDC-SDC11170 Datasheet
354Kb / 10P
Single-phase Full-wave Motor Driver
SDC11557 SDC-SDC11557 Datasheet
310Kb / 8P
Single-Phase Full-Wave Motor Driver
SDC11558 SDC-SDC11558 Datasheet
336Kb / 10P
Single-Phase Full-Wave Motor Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com