Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA310A Datasheet (PDF) - Texas Instruments

INA310A Datasheet PDF - Texas Instruments
Part # INA310A
Download  INA310A Download
File Size   1778.79 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description INA310x –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open- Drain Comparator and Reference

INA310A Datasheet (PDF)

Go To PDF Page Download Datasheet
INA310A Datasheet PDF - Texas Instruments

Part # INA310A
Download  INA310A Click to download

File Size   1778.79 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description INA310x –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open- Drain Comparator and Reference

INA310A Datasheet (HTML) - Texas Instruments


INA310A Product details

1 Features
• Wide common-mode voltage:
– Operational voltage: −4 V to +110 V
– Survival voltage: −20 V to +120 V
• High signal bandwidth: 1.3 MHz
• Slew rate: 2.5 V/μs
• Excellent CMRR: 160 dB
• Accuracy
– Gain error (maximum)
• Version A: 0.15%, 10 ppm/°C drift
• Version B: 0.5%, 20 ppm/°C drift
– Offset voltage (maximum)
• Version A: ±20 μV, ±0.25 μV/°C drift
• Version B: ±150 μV, ±1 μV/°C drift
• On-board open-drain comparator
• Internal comparator voltage reference: 0.6 V
• Propagation delay time: 1 μs
• Latching capability on comparator
• Available gains:
– INA310A1, INA310B1 : 20 V/V
– INA310A2, INA310B2 : 50 V/V
– INA310A3, INA310B3 : 100 V/V
– INA310A4, INA310B4 : 200 V/V
– INA310A5, INA310B5 : 500 V/V
• Package options: VSSOP-8

2 Applications
• 48 V DC/DC converter
• 48 V battery management systems (BMS)
• Test and measurement
• Macro remote radio unit (RRU)
• 48 V rack server
• 48 V merchant network & server power supply
(PSU)
• Solenoids and actuators

3 Description
The INA310x is an ultra-precise current sense
amplifier that can measure voltage drops across
shunt resistors over a wide common-mode range
from –4 V to 110 V, independent of supply voltage
with an integrated comparator. The high precision
current measurement accuracy is achieved through a
combination of low offset voltage (20 μV, maximum),
small gain error (0.15%, maximum) and a high DC
CMRR (160 dB, typical). The INA310x has a high
signal bandwidth of 1.3 MHz designed for high
voltage DC current measurements and high-speed
applications like fast overcurrent protection.
The INA310x incorporates an open-drain comparator
and internal reference that provides a 0.6 V threshold.
An external resistive divider sets the current trip point.
The comparator includes a latching capability that can
be made transparent by grounding (or leaving open)
the RESET pin.
The INA310x operates from a single 2.7 V to 20 V
supply and draws 1.6 mA of supply current. The
INA310x is available in five gain options: 20 V/V,
50 V/V, 100 V/V, 200 V/V, and 500 V/V. These gain
options address a wide dynamic range of currentsensing
applications.
The INA310x is specified over an operating
temperature range of −40°C to +125°C and is offered
in a space-saving 8-pin VSSOP package.




Similar Part No. - INA310A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA310A TI-INA310A Datasheet
1Mb / 32P
INA310x –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open- Drain Comparator and Reference
MARCH 2023
INA310A TI-INA310A Datasheet
1Mb / 33P
INA310x-Q1 AEC-Q100, –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open-Drain Comparator and Reference
MAY 2023
INA310A TI-INA310A Datasheet
1Mb / 33P
INA310x-Q1 AEC-Q100, –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open-Drain Comparator and Reference
MAY 2023
INA310A-Q1 TI-INA310A-Q1 Datasheet
1Mb / 33P
INA310x-Q1 AEC-Q100, –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open-Drain Comparator and Reference
MAY 2023
INA310A-Q1 TI-INA310A-Q1 Datasheet
1Mb / 33P
INA310x-Q1 AEC-Q100, –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open-Drain Comparator and Reference
MAY 2023
More results


Similar Description - INA310A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA281 TI-INA281 Datasheet
1Mb / 28P
INA281, ??-V to 110-V, 1.3-MHz Current-Sense Amplifier
INA293-Q1 TI-INA293-Q1_V01 Datasheet
1Mb / 27P
INA293-Q1, AEC-Q100, ??-V to 110-V, 1-MHz, Ultra-Precise Current Sense Amplifier
INA293-Q1 TI-INA293-Q1_V02 Datasheet
1Mb / 29P
INA293-Q1, AEC-Q100, ??-V to 110-V, 1-MHz, Ultra-Precise Current Sense Amplifier
INA296A TI-INA296A_V01 Datasheet
1Mb / 27P
INA296x ??-V to 110-V, Bidirectional, 1-MHz, 5-V/關s, Ultra-Precise Current Sense Amplifier
MARCH 2022
INA296A TI-INA296A_V02 Datasheet
2Mb / 33P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED AUGUST 2022
INA310A TI-INA310A Datasheet
1Mb / 32P
INA310x –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open- Drain Comparator and Reference
MARCH 2023
INA310A-Q1 TI-INA310A-Q1 Datasheet
1Mb / 33P
INA310x-Q1 AEC-Q100, –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open-Drain Comparator and Reference
MAY 2023
INA310A-Q1 TI-INA310A-Q1_V01 Datasheet
1Mb / 33P
INA310x-Q1 AEC-Q100, –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open-Drain Comparator and Reference
MAY 2023
INA296A TI1-INA296A_V03 Datasheet
2Mb / 38P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED JULY 2023
INA296A TI-INA296A_V04 Datasheet
2Mb / 43P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com