Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV4051 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TLV4051 Datasheet PDF - Texas Instruments
Part # TLV4051
Download  TLV4051 Download
File Size   1743.49 Kbytes
Page   36 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV40x1 Small-Size, Low-Power Comparator with Precision Reference

TLV4051 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV4051 Datasheet PDF - Texas Instruments

Part # TLV4051
Download  TLV4051 Click to download

File Size   1743.49 Kbytes
Page   36 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV40x1 Small-Size, Low-Power Comparator with Precision Reference

TLV4051 Datasheet (HTML) - Texas Instruments


TLV4051 Product details

1 Features
• Wide supply voltage range: 1.6 V to 5.5 V
• Precision References: 0.2 V, 0.5 V, and 1.2 V
• Fixed threshold of 3.2 V
• Reference accuracy
– 0.5% at 25°C
– 1% over temperature
• Low quiescent current: 2 μA
• Propagation delay: 360 ns
• Push-pull and open-drain output options
• Known startup conditions
• Non-inverting and inverting input options
• Precision hysteresis
• Temperature range: –40°C to +125°C
• Packages:
– 0.73 mm × 0.73 mm DSBGA (4-bump)
– SOT-23 (5-pin)

2 Applications
• Self-diagnostics
• Lithium ion battery monitoring
• Battery management and protection
• Current and voltage sensing
• Analog front end
• Power management
• Point of load regulators
• DC/DC and AC/DC power supplies
• System control and monitoring

3 Description
The TLV40x1 devices are low-power, high-accuracy
comparators with precision references and fast
response. The comparators are available in an ultrasmall,
DSBGA package measuring 0.73 mm × 0.73
mm, making the TLV40x1 applicable for space-critical
designs like portable or battery-powered electronics
where low-power and fast response to changes in
operating conditions is required.
The factory-trimmed references and precision
hysteresis combine to make the TLV40x1 appropriate
for voltage and current monitoring in harsh, noisy
environments where slow moving input signals must
be converted into clean digital outputs. Similarly, brief
glitches on the input are rejected ensuring stable
output operation without false triggering.
The TLV40x1 are available in multiple configurations
allowing system designers to achieve their desired
output response. For example, the TLV4021 and
TLV4041 offer a non-inverting input, while the
TLV4031 and TLV4051 have an inverting input.
Furthermore, the TLV4021 and TLV4031 feature an
open-drain output stage, while the TLV4041 and
TLV4051 feature a push-pull output stage. Lastly,
each comparator in the TLV40x1 family is available
with a 0.2V, 0.5V, or 1.2V precision reference.




Similar Part No. - TLV4051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4051 TI1-TLV4051 Datasheet
1Mb / 33P
Small-Size, Low-Power Comparator with Precision Threshold
TLV4051 TI1-TLV4051 Datasheet
1Mb / 33P
TLV40x1 Small-Size, Low-Power Comparator with Precision Threshold
TLV4051 TI1-TLV4051 Datasheet
1Mb / 33P
TLV40x1 Small-Size, Low-Power Comparator with Precision Threshold
TLV4051 TI-TLV4051 Datasheet
1Mb / 38P
TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
TLV4051 TI-TLV4051 Datasheet
2Mb / 36P
TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
DECEMBER 2021
More results


Similar Description - TLV4051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
Micropower Precision Comparator and Precision Reference
TLV7081 TI1-TLV7081 Datasheet
409Kb / 18P
Nano-Power, Small-Size, Low-Voltage Comparator
TLV4021 TI1-TLV4021 Datasheet
635Kb / 21P
Small-Size, Low-Power Comparator with Precision Reference
TLV4021 TI1-TLV4021_19 Datasheet
1Mb / 33P
Small-Size, Low-Power Comparator with Precision Threshold
TLV4021 TI1-TLV4021_V01 Datasheet
1Mb / 33P
TLV40x1 Small-Size, Low-Power Comparator with Precision Threshold
TLV4021 TI1-TLV4021_V02 Datasheet
1Mb / 33P
TLV40x1 Small-Size, Low-Power Comparator with Precision Threshold
TLV4011 TI1-TLV4011 Datasheet
574Kb / 19P
TLV4011 Precision Comparator with Integrated Reference
TLV4021 TI-TLV4021_V03 Datasheet
1Mb / 38P
TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
TLV4011-Q1 TI-TLV4011-Q1 Datasheet
841Kb / 17P
TLV4011-Q1 Low-Power Comparator with Precision Reference
TLV4021 TI-TLV4021_V04 Datasheet
2Mb / 36P
TLV40x1 Small-Size, Low-Power Comparator with Precision Reference
DECEMBER 2021
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com