Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV9161 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TLV9161 Datasheet PDF - Texas Instruments
Part # TLV9161
Download  TLV9161 Download
File Size   2612.12 Kbytes
Page   50 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV916x-Q1 Automotive 16-V, 11-MHz, Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Automotive Op Amp

TLV9161 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV9161 Datasheet PDF - Texas Instruments

Part # TLV9161
Download  TLV9161 Click to download

File Size   2612.12 Kbytes
Page   50 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV916x-Q1 Automotive 16-V, 11-MHz, Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Automotive Op Amp

TLV9161 Datasheet (HTML) - Texas Instruments


TLV9161 Product details

1 Features
• AEC-Q100 qualified for automotive applications
– Temperature grade 1: –40°C to +125°C, TA
– Device HBM ESD classification level 3A
(≥2500 V)
– Device CDM ESD classification level C3
(≥1500 V)
• Low offset voltage: ±210 μV
• Low offset voltage drift: ±0.25 μV/°C
• Low noise: 6.8 nV/√Hz at 1 kHz, 4.2 nV/√Hz
broadband
• High common-mode rejection: 110 dB
• Low bias current: ±10 pA
• Rail-to-rail input and output
• Wide bandwidth: 11-MHz GBW, unity-gain stable
• High slew rate: 33 V/μs
• Low quiescent current: 2.4 mA per amplifier
• Wide supply: ±1.35 V to ±8 V, 2.7 V to 16 V
• Robust EMIRR performance

2 Applications
• Optimized for AEC-Q100 grade 1 applications
• Infotainment and cluster
• Passive safety
• Body electronics and lighting
• HEV/EV inverter and motor control
• On-board (OBC) and wireless charger
• Powertrain current sensor
• Advanced driver assistance systems (ADAS)
• High-side and low-side current sensing

3 Description
The TLV916x-Q1 family (TLV9161-Q1, TLV9162-Q1,
and TLV9164-Q1) is a family of 16-V, general-purpose
automotive operational amplifiers. These devices
offer exceptional DC precision and AC performance,
including rail-to-rail input or output, low offset (±210
μV, typical), low-offset drift (±0.25 μV/°C, typical), and
low noise (6.8 nV/√Hz at 1 kHz, 4.2 nV/√Hz at 10
kHz).
Features such as wide differential input voltage range,
high short-circuit current (±73 mA), and high slew
rate (33 V/μs) make the TLV916x-Q1 a flexible,
robust, and high-performance op amp for automotive
applications.
The TLV916x-Q1 family of op amps is available in
standard packages and is specified from –40°C to
125°C.




Similar Part No. - TLV9161

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9161 TI-TLV9161 Datasheet
5Mb / 67P
TLV916x 16-V, 11-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
DECEMBER 2021
TLV9161 TI-TLV9161 Datasheet
4Mb / 69P
TLV916x 16-V, 11-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED AUGUST 2022
TLV9161 TI-TLV9161 Datasheet
2Mb / 45P
TLV916x-Q1 Automotive 16-V, 11-MHz, Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Automotive Op Amp
APRIL 2023
TLV9161 TI1-TLV9161 Datasheet
2Mb / 51P
TLV916x-Q1 Automotive 16-V, 11-MHz, Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Automotive Op Amp
APRIL 2023
TLV9161 TI1-TLV9161 Datasheet
4Mb / 68P
TLV916x 16V, 11MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
MARCH 2024
More results


Similar Description - TLV9161

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9161 TI-TLV9161 Datasheet
5Mb / 67P
TLV916x 16-V, 11-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
DECEMBER 2021
TLV9161 TI-TLV9161_V01 Datasheet
4Mb / 69P
TLV916x 16-V, 11-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED AUGUST 2022
OPA992-Q1 TI-OPA992-Q1_V07 Datasheet
2Mb / 50P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
REVISED APRIL 2023
TLV9161-Q1 TI-TLV9161-Q1 Datasheet
2Mb / 42P
TLV916x-Q1 Automotive 16-V, 11-MHz, Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Automotive Op Amp
APRIL 2023
TLV9161-Q1 TI-TLV9161-Q1_V01 Datasheet
2Mb / 45P
TLV916x-Q1 Automotive 16-V, 11-MHz, Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Automotive Op Amp
APRIL 2023
OPA992-Q1 TI-OPA992-Q1_V08 Datasheet
2Mb / 51P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
REVISED APRIL 2023
OPA992-Q1 TI-OPA992-Q1_V10 Datasheet
2Mb / 51P
OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
REVISED APRIL 2023
OPA991-Q1 TI-OPA991-Q1_V05 Datasheet
3Mb / 54P
OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Op Amp
REVISED JUNE 2023
TLV9151-Q1 TI-TLV9151-Q1_V03 Datasheet
3Mb / 52P
TLV915x-Q1 4.5-MHz, Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Automotive Op Amp
REVISED JUNE 2023
TLV9161-Q1 TI1-TLV9161-Q1_V03 Datasheet
2Mb / 51P
TLV916x-Q1 Automotive 16-V, 11-MHz, Rail-to-Rail Input or Output, Low Offset Voltage, Low Noise Automotive Op Amp
APRIL 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com