Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6384 Datasheet (PDF) - Analog Devices

ADM6384 Datasheet PDF - Analog Devices
Part # ADM6384
Download  ADM6384 Download
File Size   176.89 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Microprocessor Supervisory Circuit in 4-Lead SC70

ADM6384 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM6384 Datasheet PDF - Analog Devices

Part # ADM6384
Download  ADM6384 Click to download

File Size   176.89 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Microprocessor Supervisory Circuit in 4-Lead SC70

ADM6384 Datasheet (HTML) - Analog Devices


ADM6384 Product details

GENERAL DESCRIPTION
The ADM6384 is a supervisory circuit that monitors power supply voltage levels in microprocessor-based systems. A power-on reset signal is generated when the supply voltage rises to a preset threshold level. The debounced manual reset input of the ADM6384 can be used to initiate a reset by means of an external push button or logic signal.

FEATURES
    Precision power supply monitoring
    31 reset threshold options: 1.58 V to 5.0 V
    Four reset timeouts: 1 ms, 20 ms, 140 ms, and 1120 ms
    Manual reset input
    Reset output stage
    Push-pull active-low
    Guaranteed reset output valid to VCC = 1 V
    Power supply glitch immunity
    Specified over the −40°C to +125°C temperature range
    4-lead SC70 package

APPLICATIONS
    Microprocessor systems
    Computers
    Controllers
    Intelligent instruments
    Portable equipment




Similar Part No. - ADM6384

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6384 AD-ADM6384_15 Datasheet
207Kb / 12P
Microprocessor Supervisory Circuit in 4-Lead SC70
Rev. C
More results


Similar Description - ADM6384

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM803 AD-ADM803 Datasheet
132Kb / 12P
Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
6/03-Data Sheet changed from REV. B to REV. C.
ADM6711 AD-ADM6711 Datasheet
155Kb / 8P
Microprocessor Supervisory Circuit in 4-Lead SC70
REV.0
ADM809LAKSZ-REEL7 AD-ADM809LAKSZ-REEL7 Datasheet
309Kb / 12P
Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADM803 AD-ADM803_08 Datasheet
309Kb / 12P
Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADM6711 AD-ADM6711_11 Datasheet
226Kb / 12P
Microprocessor Supervisory Circuit in 4-Lead SC70
REV. B
ADM811 AD-ADM811 Datasheet
178Kb / 12P
Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
ADM803 AD-ADM803_15 Datasheet
212Kb / 11P
Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM809 AD-ADM809_15 Datasheet
212Kb / 11P
Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM810 AD-ADM810_15 Datasheet
212Kb / 11P
Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM6384 AD-ADM6384_15 Datasheet
207Kb / 12P
Microprocessor Supervisory Circuit in 4-Lead SC70
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com