Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDP31 Datasheet (PDF) - NXP Semiconductors

BDP31 Datasheet PDF - NXP Semiconductors
Part # BDP31
Download  BDP31 Download
File Size   44.75 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN medium power transistor

BDP31 Datasheet (PDF)

Go To PDF Page Download Datasheet
BDP31 Datasheet PDF - NXP Semiconductors

Part # BDP31
Download  BDP31 Click to download

File Size   44.75 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN medium power transistor

BDP31 Datasheet (HTML) - NXP Semiconductors


BDP31 Product details

DESCRIPTION
NPN medium power transistor in a SOT223 plastic package. PNP complement: BDP32.

FEATURES
• High current (max. 3 A)
• Low voltage (max. 45 V).

APPLICATIONS
• General purpose medium power applications.




Similar Part No. - BDP31

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BDP32 PHILIPS-BDP32 Datasheet
44Kb / 8P
PNP medium power transistor
1999 Apr 23
logo
Schneider Electric
BDP36000S12 SCHNEIDER-BDP36000S12 Datasheet
110Kb / 2P
Automatic Switch, PowerPact B, Unit Mount, 600Y/347 V AC, 125 A, 3 Pole, EverLink
Jun 22, 2020
BDP36015 SCHNEIDER-BDP36015 Datasheet
116Kb / 3P
PowerPact B Circuit Breaker, 15A, 3P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 25, 2020
BDP36020 SCHNEIDER-BDP36020 Datasheet
116Kb / 3P
PowerPact B Circuit Breaker, 20A, 3P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 25, 2020
BDP36025 SCHNEIDER-BDP36025 Datasheet
116Kb / 3P
PowerPact B Circuit Breaker, 25A, 3P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 30, 2020
More results


Similar Description - BDP31

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N1893 PHILIPS-2N1893 Datasheet
51Kb / 8P
NPN medium power transistor
1997 Apr 17
BCP68 PHILIPS-BCP68 Datasheet
45Kb / 8P
NPN medium power transistor
1999 Apr 08
logo
STMicroelectronics
2SD882 STMICROELECTRONICS-2SD882 Datasheet
92Kb / 8P
NPN MEDIUM POWER TRANSISTOR
02-Oct-2007
logo
Guangdong Kexin Industr...
BC868 KEXIN-BC868 Datasheet
53Kb / 2P
NPN Medium Power Transistor
BCP68 KEXIN-BCP68 Datasheet
40Kb / 2P
NPN Medium Power Transistor
logo
Chenmko Enterprise Co. ...
2SC2411KPT CHENMKO-2SC2411KPT Datasheet
97Kb / 3P
Medium Power NPN Transistor
logo
Diodes Incorporated
BC56-16PA DIODES-BC56-16PA Datasheet
376Kb / 7P
NPN MEDIUM POWER TRANSISTOR
Rev 2
logo
Rohm
SST2222A ROHM-SST2222A Datasheet
1Mb / 11P
NPN Medium Power Transistor
UMT4401U3HZG ROHM-UMT4401U3HZG Datasheet
1Mb / 10P
NPN Medium Power Transistor
logo
SHIKUES Electronics
BCX71 SKTECHNOLGY-BCX71 Datasheet
550Kb / 2P
NPN medium power transistor
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com