Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPZR-C11 Datasheet (PDF) - Nexperia B.V. All rights reserved

HPZR-C11 Datasheet PDF - Nexperia B.V. All rights reserved
Part # HPZR-C11
Download  HPZR-C11 Download
File Size   212.58 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 4.1 W high power voltage regulator diodes

HPZR-C11 Datasheet (PDF)

Go To PDF Page Download Datasheet
HPZR-C11 Datasheet PDF - Nexperia B.V. All rights reserved

Part # HPZR-C11
Download  HPZR-C11 Click to download

File Size   212.58 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 4.1 W high power voltage regulator diodes

HPZR-C11 Datasheet (HTML) - Nexperia B.V. All rights reserved


HPZR-C11 Product details

1. General description
High power voltage regulator diodes in a CFP3 (SOD123W) small and flat lead low-profile Surface-
Mounted Device (SMD) plastic package.

2. Features and benefits
• Total power dissipation: ≤ 4.1 W @ Tsp = 75 °C, measured zero lead length
• Tolerance series: Approximately ±5 %
• Working voltage range: nominal 5.6 V to 75 V
• ESD maximum rating 30 kV according IEC 61000-4-2 (contact discharge)

3. Applications
• Low-currect general regulation functions




Similar Part No. - HPZR-C11

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HPZR-C11-Q NEXPERIA-HPZR-C11-Q Datasheet
213Kb / 12P
5.5 W high power voltage regulator diodes
Rev. 5 - 10 March 2023
HPZR-C11-Q NEXPERIA-HPZR-C11-Q Datasheet
210Kb / 12P
High power voltage regulator diodes
Rev. 2 - 12 September 2022
More results


Similar Description - HPZR-C11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9100 VISHAY-SI9100 Datasheet
88Kb / 8P
3-W High-Voltage Switchmode Regulator
15-Nov-04
SI9102 VISHAY-SI9102 Datasheet
76Kb / 7P
3-W High-Voltage Switchmode Regulator
15-Nov-04
SI9105 VISHAY-SI9105 Datasheet
76Kb / 7P
1-W High-Voltage Switchmode Regulator
15-Nov-04
SI9105 VISHAY-SI9105_07 Datasheet
305Kb / 11P
1-W High-Voltage Switchmode Regulator
19-Mar-07
SI9108 VISHAY-SI9108_04 Datasheet
213Kb / 12P
1-W High-Voltage Switchmode Regulator
15-Nov-04
SI9100 VISHAY-SI9100_V01 Datasheet
182Kb / 11P
3-W High-Voltage Switchmode Regulator
15-Nov-04
SI9102 VISHAY-SI9102_V01 Datasheet
155Kb / 10P
3-W High-Voltage Switchmode Regulator
19-Mar-07
SI9105 VISHAY-SI9105_V01 Datasheet
201Kb / 11P
1-W High-Voltage Switchmode Regulator
15-Nov-04
logo
Nexperia B.V. All right...
HPZR-Q_SER NEXPERIA-HPZR-Q_SER Datasheet
213Kb / 12P
5.5 W high power voltage regulator diodes
Rev. 5 - 10 March 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com