Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADH561S Datasheet (PDF) - Analog Devices

ADH561S Datasheet PDF - Analog Devices
Part # ADH561S
Download  ADH561S Download
File Size   723.59 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8 to 21 GHz Output x2 Active Frequency Multiplier

ADH561S Datasheet (PDF)

Go To PDF Page Download Datasheet
ADH561S Datasheet PDF - Analog Devices

Part # ADH561S
Download  ADH561S Click to download

File Size   723.59 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8 to 21 GHz Output x2 Active Frequency Multiplier

ADH561S Datasheet (HTML) - Analog Devices




Similar Part No. - ADH561S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADH519R701LSH6 AD-ADH519R701LSH6 Datasheet
187Kb / 8P
17.5 GHz ??31.5 GHz Low Noise Amplifier
ADH519R701LSH6 AD-ADH519R701LSH6 Datasheet
181Kb / 8P
17.5 GHz – 31.5 GHz Low Noise Amplifier
Rev. B
ADH519S AD-ADH519S Datasheet
187Kb / 8P
17.5 GHz ??31.5 GHz Low Noise Amplifier
ADH519S AD-ADH519S Datasheet
181Kb / 8P
17.5 GHz – 31.5 GHz Low Noise Amplifier
Rev. B
ADH519S AD-ADH519S_V01 Datasheet
181Kb / 8P
17.5 GHz – 31.5 GHz Low Noise Amplifier
Rev. B
More results


Similar Description - ADH561S

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC561LP3 HITTITE-HMC561LP3 Datasheet
353Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
HMC561 HITTITE-HMC561 Datasheet
354Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
HMC-C056 HITTITE-HMC-C056 Datasheet
229Kb / 4P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE, 8 - 21 GHz OUTPUT
HMC561 HITTITE-HMC561_09 Datasheet
280Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
HMC561LP3 HITTITE-HMC561LP3_08 Datasheet
252Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
HMC573LC3B HITTITE-HMC573LC3B_09 Datasheet
215Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 22 GHz OUTPUT
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6140 AVAGO-AMMC-6140 Datasheet
424Kb / 6P
20??0 GHz Output x2 Active Frequency Multiplier
AMMC-6140 AVAGO-AMMC-6140_15 Datasheet
424Kb / 6P
20??0 GHz Output x2 Active Frequency Multiplier
logo
Broadcom Corporation.
AMMC-6140 BOARDCOM-AMMC-6140 Datasheet
424Kb / 6P
20??0 GHz Output x2 Active Frequency Multiplier
logo
Analog Devices
ADH814S AD-ADH814S Datasheet
737Kb / 8P
13 to 24.6 GHz Output x2 Active Frequency Multiplier
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com