Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68181 Datasheet (PDF) - Freescale Semiconductor, Inc

MC68181 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC68181
Download  MC68181 Download
File Size   643.92 Kbytes
Page   119 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Advance Information ROAMING FLEX chip SIGNAL PROCESSOR

MC68181 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68181 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC68181
Download  MC68181 Click to download

File Size   643.92 Kbytes
Page   119 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Advance Information ROAMING FLEX chip SIGNAL PROCESSOR

MC68181 Datasheet (HTML) - Freescale Semiconductor, Inc


MC68181 Product details

ROAMING FLEX™ chip SIGNAL PROCESSOR

The FLEX™ protocol is a multi-speed, high-performance protocol adopted by leading service  providers worldwide as a de facto paging standard. The FLEX protocol gives service providers  the increased capacity, added reliability, and enhanced pager battery performance they need  today. It also provides an upward migration path to the service provider that is completely  transparent to the end user.
The MC68181 Roaming FLEX™ chip IC is part of a total solution available from Motorola for  providing FLEX capabilities in a low-power, low-cost system. The FLEX™ chip simplifies  implementation of a FLEX paging device by interfacing with any of several off-the-shelf paging  receivers, and any of several off-the-shelf host microcontroller/microprocessors. The primary  function of the FLEX™ chip is to process information received and demodulated from a FLEX-radio paging channel, select messages addressed to the paging device, and communicate the  message information to the host. The host controls receiver channel selection, and interprets the  message information in an appropriate manner (numeric, alphanumeric, binary, etc.) and  handles all the I/O activity.

FEATURES
• FLEX paging protocol signal processor
• Sixteen programmable user address words
• Sixteen temporary addresses
• Sixteen operator messaging addresses
• 1600, 3200, and 6400 bits-per-second decoding
• Any-phase or single-phase decoding
• Uses standard Serial Peripheral Interface (SPI) in Slave mode
• Allows low current Stop mode operation of host processor
• Highly programmable receiver control
• Real-time clock time base
• FLEX software fragmentation and group messaging support
• Real time clock over-the-air update support
• Compatible with synthesized receivers
• SSID and NID Roaming support
• Low Battery Indication (requires external detector)
• 1.8 to 3.3 V low power operation
• 32-pin Thin Quad Flat Pack (TQFP) package
• Backward compatible with MC68175




Similar Part No. - MC68181

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68184 MOTOROLA-MC68184 Datasheet
366Kb / 15P
Broadband Interface Controller
MC68185 MOTOROLA-MC68185 Datasheet
38Kb / 1P
MC68185 Twisted-Pair Modem(TPM)
More results


Similar Description - MC68181

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
ADVANCE INFORMATION
logo
Mitel Networks Corporat...
ACE9040 MITEL-ACE9040 Datasheet
335Kb / 33P
Audio Processor Advance Information
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
ADVANCE INFORMATION
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
Advance Information
MMC2080 MOTOROLA-MMC2080 Datasheet
768Kb / 34P
Integrated Processor with Roaming FLEX Decoder
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
Advance Information
logo
Freescale Semiconductor...
68HC08PT48 FREESCALE-68HC08PT48 Datasheet
2Mb / 352P
Advance Information
MC68HC708AS48 FREESCALE-MC68HC708AS48 Datasheet
3Mb / 396P
Advance Information
logo
CML Microcircuits
EV6090 CMLMICRO-EV6090 Datasheet
447Kb / 12P
ADVANCE INFORMATION
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com