Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F640L18 Datasheet (PDF) - Intel Corporation

28F640L18 Datasheet PDF - Intel Corporation
Part # 28F640L18
Download  28F640L18 Download
File Size   1699.19 Kbytes
Page   106 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description StrataFlash Wireless Memory

28F640L18 Datasheet (PDF)

Go To PDF Page Download Datasheet
28F640L18 Datasheet PDF - Intel Corporation

Part # 28F640L18
Download  28F640L18 Click to download

File Size   1699.19 Kbytes
Page   106 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description StrataFlash Wireless Memory

28F640L18 Datasheet (HTML) - Intel Corporation


28F640L18 Product details

The Intel StrataFlash® wireless memory (L18) device is the latest generation of Intel StrataFlash® memory devices featuring flexible, multiple-partition, dual operation. It provides high performance synchronous-burst read mode and asynchronous read mode using 1.8 V low voltage, multi-level cell (MLC) technology.

Product Features
■ High performance Read-While-Write/Erase
  — 85 ns initial access
  — 54 MHz with zero wait state, 14 ns clock-to-data output synchronous-burst mode
  — 25 ns asynchronous-page mode
  — 4-, 8-, 16-, and continuous-word burst mode
  — Burst suspend
  — Programmable WAIT configuration
  — Buffered Enhanced Factory Programming (BEFP) at 5 µs/byte (Typ)
  — 1.8 V low-power buffered programming at7 µs/byte (Typ)
■ Architecture
  — Asymmetrically-blocked architecture
  — Multiple 8-Mbit partitions: 64-Mbit and 128-Mbit devices
  — Multiple 16-Mbit partitions: 256-Mbit devices
  — Four 16-Kword parameter blocks: top or bottom configurations
  — 64-Kword main blocks
  — Dual-operation: Read-While-Write (RWW) or Read-While-Erase (RWE)
  — Status Register for partition and device status
■ Power
  — VCC (core) = 1.7 V - 2.0 V
  — VCCQ (I/O) = 1.35 V - 2.0 V, 1.7 V - 2.0 V
  — Standby current: 30 µA (Typ) for 256-Mbit
  — 4-Word synchronous read current: 15 mA (Typ)at 54 MHz
  — Automatic Power Savings mode
■ Security
— OTP space:
• 64 unique factory device identifier bits
• 64 user-programmable OTP bits
• Additional 2048 user-programmable OTP bits
  — Absolute write protection: VPP = GND
  — Power-transition erase/program lockout
  — Individual zero-latency block locking
  — Individual block lock-down
■ Software
  — 20 µs (Typ) program suspend
  — 20 µs (Typ) erase suspend
  — Intel® Flash Data Integrator optimized
  — Basic Command Set (BCS) and Extended Command Set (ECS) compatible
  — Common Flash Interface (CFI) capable
■ Quality and Reliability
  — Expanded temperature: –25° C to +85° C
  — Minimum 100,000 erase cycles per block
  — ETOX™ VIII process technology (0.13 µm)
■ Density and Packaging
  — 64-, 128-, and 256-Mbit density in VF BGA packages
  — 128/0 and 256/0 density in SCSP
  — 16-bit wide data bus




Similar Part No. - 28F640L18

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F640L30 INTEL-28F640L30 Datasheet
1Mb / 100P
1.8 Volt Intel StrataFlash짰 Wireless Memory with 3.0-Volt I/O (L30)
More results


Similar Description - 28F640L18

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F128J3A INTEL-28F128J3A Datasheet
380Kb / 58P
3 Volt Intel StrataFlash Memory
28F320J5 INTEL-28F320J5 Datasheet
641Kb / 53P
StrataFlash MEMORY TECHNOLOGY 32 AND 64 MBIT
TE28F256J3C INTEL-TE28F256J3C Datasheet
905Kb / 72P
Intel StrataFlash Memory (J3)
28F640P3 INTEL-28F640P3 Datasheet
1Mb / 102P
Intel StrataFlash Embedded Memory
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
StrataFlash Wireless Memory
306666-11 NUMONYX-306666-11 Datasheet
1Mb / 99P
Numonyx StrataFlash Embedded Memory
313295-04 NUMONYX-313295-04 Datasheet
1Mb / 98P
Numonyx StrataFlash Wireless Memory
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
Numonyx StrataFlash Embedded Memory
JS28F256P33BFE MICRON-JS28F256P33BFE Datasheet
1Mb / 90P
NumonyxTM StrataFlash Embedded Memory
PC28F512G18FF MICRON-PC28F512G18FF Datasheet
1Mb / 118P
128Mb, 256Mb, 512Mb, 1Gb StrataFlash Memory
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com