Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8240 Datasheet (PDF) - Analog Devices

AD8240 Datasheet PDF - Analog Devices
Part # AD8240
Download  AD8240 Download
File Size   223.75 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LED Driver/Monitor

AD8240 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8240 Datasheet PDF - Analog Devices

Part # AD8240
Download  AD8240 Click to download

File Size   223.75 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LED Driver/Monitor

AD8240 Datasheet (HTML) - Analog Devices


AD8240 Product details

GENERAL DESCRIPTION

The AD8240 LED driver/monitor, in combination with an external transistor, supplies a constant 12 V to drive LED lamps. This allows cost-effective LED lamp monitoring and short-circuit protection. The output is regulated at 12 V when the supply voltage is between 12.5 V and 27 V.

A CMOS compatible, level-dependent, digital input can be used for PWM control of the LED brightness. VOis turned on when the PWM input is high and turned off when the input is low. The AD8240 is designed to work with a PWM frequency up to 500 Hz, and a typical PWM range from 5% to 95%.



FEATURES

PWM input for LED brightness control

Open LED detection

Latch-off overcurrent protection

Constant voltage regulated output

Supply range: 9 V to 27 V

Regulated voltage range: 12.5 V to 27 V

Operating current: 300 µA

Shutdown current: 10 µA

Temperature range −40°C to +125°C

8-lead MSOP package




Similar Part No. - AD8240

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8240 AD-AD8240_15 Datasheet
224Kb / 12P
LED Driver/Monitor
REV. 0
More results


Similar Description - AD8240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
LED DRIVER
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
LED DRIVER
TLS2205 TI-TLS2205 Datasheet
775Kb / 31P
VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
TLC5960 TI-TLC5960 Datasheet
682Kb / 33P
Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
LED Driver
2009-11-13
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
LED Driver
logo
Analog Devices
AD8240 AD-AD8240_15 Datasheet
224Kb / 12P
LED Driver/Monitor
REV. 0
logo
Linear Technology
LT3796 LINER-LT3796 Datasheet
331Kb / 8P
100V LED Controller with Current Monitor
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com