Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPA1000 Datasheet (PDF) - Renesas Technology Corp

VPA1000 Datasheet PDF - Renesas Technology Corp
Part # VPA1000
Download  VPA1000 Download
File Size   638.98 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage 0.5x Regulated Step Down Charge Pump

VPA1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
VPA1000 Datasheet PDF - Renesas Technology Corp

Part # VPA1000
Download  VPA1000 Click to download

File Size   638.98 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage 0.5x Regulated Step Down Charge Pump

VPA1000 Datasheet (HTML) - Renesas Technology Corp


VPA1000 Product details

Features
 Low cost alternative to buck regulator
 Saves up to ~500mW compared to standard LDO
 Small PCB footprint
 1.2V, 1.5V, or 1.8V fixed output voltages
 300mA maximum output current
 3.3V to 1.2V with 72% efficiency
 High frequency (2.4MHz) reduces size of external
components
 Short-circuit current protection
 Over-temperature protection
 Soft start
 TSOT-6 package
Applications
 Notebook computers
 Handsets
 Battery powered equipment




Similar Part No. - VPA1000

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
VPA10 SANYO-VPA10 Datasheet
350Kb / 2P
Hybrid intergrated circuits/with FBET/LSBT process chips/Wide bandwidth video output ICs
More results


Similar Description - VPA1000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1595 MAXIM-MAX1595 Datasheet
350Kb / 8P
Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
19-2107; Rev 1; 8/02
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631 Datasheet
541Kb / 11P
Regulated Step-Down Charge Pump DC/DC Converter
logo
Asahi Kasei Microsystem...
AME7720 AKM-AME7720 Datasheet
267Kb / 16P
Step-Up/Step-Down 60mA Regulated Charge Pump
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
Regulated Step-Down Charge Pump DC/DC Converter
logo
Torex Semiconductor
XC9801 TOREX-XC9801_1 Datasheet
824Kb / 12P
Regulated Voltage Step-Up Charge Pump ICs
logo
Analog Microelectronics
AME7739 AME-AME7739 Datasheet
169Kb / 11P
Step-Up / Step-Down 60mA Regulated Charge Pump
logo
Fairchild Semiconductor
FAN5631 FAIRCHILD-FAN5631_07 Datasheet
280Kb / 13P
Regulated Step-Down Charge Pump DC/DC Converter
logo
Maxim Integrated Produc...
MAX1595 MAXIM-MAX1595_09 Datasheet
492Kb / 7P
Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 2; 6/09
MAX1595 MAXIM-MAX1595_11 Datasheet
180Kb / 7P
Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 3; 10/11
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com