Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA7930 Datasheet (PDF) - Major-Power Technology Co., LTD.

MA7930 Datasheet PDF - Major-Power Technology Co., LTD.
Part # MA7930
Download  MA7930 Download
File Size   122.48 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description Linear Hall Element

MA7930 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA7930 Datasheet PDF - Major-Power Technology Co., LTD.

Part # MA7930
Download  MA7930 Click to download

File Size   122.48 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description Linear Hall Element

MA7930 Datasheet (HTML) - Major-Power Technology Co., LTD.


MA7930 Product details

GENERAL DESCRIPTION
MA7930, a linear Hall-element, is composed of hall sensor, linear amplifier and output
stage. The linear Hall element have an operating Temperature range of -40°C to +105°C,
appropriate for commercial, consumer, and industrial environments.
The high sensitivity of Hall Element accurately tracks extremely small changes in
magnetic flux density. The linear output voltage is set by the supply voltage and varies in
proportion to the strength of the magnetic field.

FEATURES
- Operating Voltage Range: 1.65V~5.5V
- Gauss Sensitivity: 2.2mV/G (VDD=5V)
- High Linearity
- Linear Output for Circuit Design Flexibility
- Stable and Accurate Output
- Responds to Either Positive or Negative Gauss
- Superior Temperature Stability
- Reverse VDD Polarity Protect
- Low Profile SIP-4L & SOT23-5L/F Packages

APPLICATION
- Current sensing
- Motor control
- Position sensing
- Magnetic code reading




Similar Part No. - MA7930

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA793 PANASONIC-MA793 Datasheet
75Kb / 3P
Schottky Barrier Diodes (SBD)
More results


Similar Description - MA7930

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
OH017 PANASONIC-OH017 Datasheet
25Kb / 2P
GaAs hall element
OH023 PANASONIC-OH023 Datasheet
26Kb / 2P
GaAs hall element
logo
List of Unclassifed Man...
HW105A ETC-HW105A Datasheet
40Kb / 2P
InSb Hall Element
HW108C ETC-HW108C Datasheet
40Kb / 2P
InSb Hall Element
NHE520 ETC-NHE520 Datasheet
104Kb / 7P
High output type Hall Element
HW-104A ETC-HW-104A Datasheet
38Kb / 2P
High-sensitivity InSb Hall element
HW-305B ETC1-HW-305B Datasheet
42Kb / 2P
InSb Hall Element
logo
Guangdong Kexin Industr...
HW109A KEXIN-HW109A Datasheet
170Kb / 3P
High-sensitivity InSb Hall element
logo
Rohm
BU6909AGFT ROHM-BU6909AGFT Datasheet
1,011Kb / 21P
Built in HALL element
logo
Asahi Kasei Microsystem...
AP1355AEM AKM-AP1355AEM Datasheet
476Kb / 13P
Amplifier for Hall Element
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com