Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA7953 Datasheet (PDF) - Major-Power Technology Co., LTD.

MA7953 Datasheet PDF - Major-Power Technology Co., LTD.
Part # MA7953
Download  MA7953 Download
File Size   119.25 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description Dual Outputs Linear Hall Effect Sensor

MA7953 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA7953 Datasheet PDF - Major-Power Technology Co., LTD.

Part # MA7953
Download  MA7953 Click to download

File Size   119.25 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description Dual Outputs Linear Hall Effect Sensor

MA7953 Datasheet (HTML) - Major-Power Technology Co., LTD.


MA7953 Product details

GENERAL DESCRIPTION
The MA7953 is a dual outputs linear Hall-effect sensor suited to detect the speed and
the position of ferromagnetic or the permanent magnet structures. The linear Hall sensor
have an operating Temperature range of -40°C to +105°C, appropriate for commercial,
consumer, and industrial environments.
The high sensitivity of Hall-effect sensor accurately tracks extremely small changes in
magnetic flux density. The linear output voltages are set by the supply voltage and vary in
proportion to the strength of the magnetic field. Typical operation current is 6.5 mA and
operating voltage range is 2.8 volts to 5.5 volts.
The SOT23-5L package provides magnetically optimized solutions for most applications

FEATURES
- Operating Voltage Range: 2.8V~5.5V
- Gauss Sensitivity: 5mV/G
- Power Consumption of 6.5 mA at 5 Vdc for Energy Efficiency
- Linear Outputs for Circuit Design Flexibility
- Totem-pole for a Stable and Accurate Outputs
- Responds to either Positive or Negative Gauss
- Cost Competitive
- Robust ESD Performance
- Reverse VDD Polarity Protection
- Low Profile SOT23-5L Package ( Green and Lead Free )

APPLICATION
- Speed sensing
- Position sensing
- Rotation direction sensing




Similar Part No. - MA7953

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA795 PANASONIC-MA795 Datasheet
76Kb / 3P
Silicon epitaxial planar type
logo
Major-Power Technology ...
MA7950 MPOWER-MA7950 Datasheet
104Kb / 2P
Dual Outputs Linear Hall Effect Sensor
Rev.0.3
MA7950P4A MPOWER-MA7950P4A Datasheet
104Kb / 2P
Dual Outputs Linear Hall Effect Sensor
Rev.0.3
MA7951 MPOWER-MA7951 Datasheet
118Kb / 2P
Four Outputs Linear Hall Effect Sensor
Rev.0.1
MA7951SA MPOWER-MA7951SA Datasheet
118Kb / 2P
Four Outputs Linear Hall Effect Sensor
Rev.0.1
More results


Similar Description - MA7953

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90277 MELEXIS-MLX90277 Datasheet
416Kb / 21P
Dual Programmable Linear Hall Effect Sensor
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
Linear Hall Effect Sensor
logo
Unisonic Technologies
UHS49 UTC-UHS49 Datasheet
151Kb / 4P
LINEAR HALL EFFECT SENSOR
logo
SEC Electronics Inc.
SS1302_1311 SECELECTRONICS-SS1302_1311 Datasheet
349Kb / 5P
Linear Hall Effect Sensor
SS4833 SECELECTRONICS-SS4833 Datasheet
226Kb / 4P
Linear Hall Effect Sensor
logo
Major-Power Technology ...
MA7950 MPOWER-MA7950 Datasheet
104Kb / 2P
Dual Outputs Linear Hall Effect Sensor
Rev.0.3
MA7951 MPOWER-MA7951 Datasheet
118Kb / 2P
Four Outputs Linear Hall Effect Sensor
Rev.0.1
MA7952 MPOWER-MA7952 Datasheet
104Kb / 2P
Dual Outputs Linear Hall Effect Sensor
Rev.0.2
MA7954 MPOWER-MA7954 Datasheet
104Kb / 2P
Dual Outputs Linear Hall Effect Sensor
Rev.0.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com