Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCS2-M201 Datasheet (PDF) - Lanner All Rights Reserved.

NCS2-M201 Datasheet PDF - Lanner All Rights Reserved.
Part # NCS2-M201
Download  NCS2-M201 Download
File Size   246.8 Kbytes
Page   1 Pages
Manufacturer  LANNER [Lanner All Rights Reserved.]
Direct Link  http://www.lannerinc.com/
Logo LANNER - Lanner All Rights Reserved.
Description M.2 Expansion NIC With Support For WiFi/5G Cards Or Lanner PGN-300/PGN-600 LTE Modules

NCS2-M201 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCS2-M201 Datasheet PDF - Lanner All Rights Reserved.

Part # NCS2-M201
Download  NCS2-M201 Click to download

File Size   246.8 Kbytes
Page   1 Pages
Manufacturer  LANNER [Lanner All Rights Reserved.]
Direct Link  http://www.lannerinc.com/
Logo LANNER - Lanner All Rights Reserved.
Description M.2 Expansion NIC With Support For WiFi/5G Cards Or Lanner PGN-300/PGN-600 LTE Modules

NCS2-M201 Datasheet (HTML) - Lanner All Rights Reserved.


NCS2-M201 Product details

Features
• Support For WiFi/5G Cards Or Lanner PGN-300/PGN-600
LTE Modules
• 1x Gen3 PCIex8 Golden Finger With 2x PCIe Gen3x4 Signal
• Integrated LED On Cage




Similar Part No. - NCS2-M201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NCS2-MINIPCIE01A ETC2-NCS2-MINIPCIE01A Datasheet
192Kb / 1P
Wi-Fi / 3G / 4G / LTE Module in NCS2 Form Factor
logo
Lanner All Rights Reser...
NCS2-MINIPCIE02 LANNER-NCS2-MINIPCIE02 Datasheet
1,018Kb / 1P
PTCRB-ready Mini-PCIe/M.2 Expansion Card with Support for Wi-Fi / LTE Module in NCS2 Form Factor
NCS2-MINIPCIE02A LANNER-NCS2-MINIPCIE02A Datasheet
1,018Kb / 1P
PTCRB-ready Mini-PCIe/M.2 Expansion Card with Support for Wi-Fi / LTE Module in NCS2 Form Factor
More results


Similar Description - NCS2-M201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FW-8865 ETC2-FW-8865 Datasheet
422Kb / 2P
1U Intel Sandy Bridge / Ivy Bridge Network Platform with C206 Series Chipset, 2 optional Lanner NIC Modules, Redundant PSU
logo
Axiomtek Co., Ltd.
GOT5120T-834 AXIOMTEK-GOT5120T-834_16 Datasheet
512Kb / 2P
Easy for expansion: PCIe Mini Cards
logo
Taoglas antenna solutio...
MB200C TAOGLAS-MB200C Datasheet
603Kb / 12P
Magneto 3 Way Base Mount for LTE or WIFI MIMO 2*2 antennas
logo
Lanner All Rights Reser...
NCS2-MINIPCIE02 LANNER-NCS2-MINIPCIE02 Datasheet
1,018Kb / 1P
PTCRB-ready Mini-PCIe/M.2 Expansion Card with Support for Wi-Fi / LTE Module in NCS2 Form Factor
IAC-AST2150 LANNER-IAC-AST2150 Datasheet
121Kb / 2P
Lanner IPMI Cards
logo
PCTEL, Inc.
ALLDISC-S PCTEL-ALLDISC-S Datasheet
209Kb / 3P
2/3/4/5G and WIFI 2x MIMO
logo
Suzhou Maswell Communic...
AN_MASTER_001-2 MASWELL-AN_MASTER_001-2 Datasheet
1Mb / 14P
Maswell 5G/4G/WiFi MIMO Panel Antenna 600 8 000MHz
AN.5G.INT2.600.6000.SMA.2 MASWELL-AN.5G.INT2.600.6000.SMA.2 Datasheet
528Kb / 7P
5G Ultra Wideband patch antenna for Cellular 5G 4G LTE LORA and WiFi bands
logo
AVX Corporation
9003034F0 AVX-9003034F0 Datasheet
1Mb / 6P
LTE 5G FPC Antenna
6/29/2022
logo
Lanner All Rights Reser...
N2S-MBF201 LANNER-N2S-MBF201 Datasheet
322Kb / 1P
Lanner N2S NIC Module With NVIDIA BlueField DPU
V.1-2023.03.20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com