Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3S Datasheet (PDF) - Lanner All Rights Reserved.

R3S Datasheet PDF - Lanner All Rights Reserved.
Part # R3S
Download  R3S Download
File Size   2028.91 Kbytes
Page   2 Pages
Manufacturer  LANNER [Lanner All Rights Reserved.]
Direct Link  http://www.lannerinc.com/
Logo LANNER - Lanner All Rights Reserved.
Description Fanless Rolling Stock Computer with Intel® Atom™ x7-E3950 Processor

R3S Datasheet (PDF)

Go To PDF Page Download Datasheet
R3S Datasheet PDF - Lanner All Rights Reserved.

Part # R3S
Download  R3S Click to download

File Size   2028.91 Kbytes
Page   2 Pages
Manufacturer  LANNER [Lanner All Rights Reserved.]
Direct Link  http://www.lannerinc.com/
Logo LANNER - Lanner All Rights Reserved.
Description Fanless Rolling Stock Computer with Intel® Atom™ x7-E3950 Processor

R3S Datasheet (HTML) - Lanner All Rights Reserved.


R3S Product details

Features
Intel® Atom™ x7-E3950 Processor
Certified with EN50155, EN50121, EN50125-3 and EN45545
Vehicle/Rail NVR with 6x M12 PoE/PoE+ ports (max. 90W power)
2x M.2 Slots with up to 4x SIM card readers
Wide range operating temperature from -40 to 70°C
2x HDMI, DI/DO, 3x COM/CAN BUS and 4x USB
1x external removable HDD/SSD drive bay
Support +9~50Vdc or +43~154Vdc power input




Similar Part No. - R3S

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3S-DA16S MSYSTEM-R3S-DA16S Datasheet
154Kb / 4P
Remote I/O R3 Series DISCRETE INPUT MODULE
R3S-DA16S/Q MSYSTEM-R3S-DA16S/Q Datasheet
154Kb / 4P
Remote I/O R3 Series DISCRETE INPUT MODULE
R3S-DA16W MSYSTEM-R3S-DA16W Datasheet
154Kb / 4P
Remote I/O R3 Series DISCRETE INPUT MODULE
R3S-DA16W/Q MSYSTEM-R3S-DA16W/Q Datasheet
154Kb / 4P
Remote I/O R3 Series DISCRETE INPUT MODULE
R3S-DAC16S MSYSTEM-R3S-DAC16S Datasheet
219Kb / 9P
Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
More results


Similar Description - R3S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LVR-5700 ETC2-LVR-5700 Datasheet
697Kb / 2P
Fanless Rolling Stock Computer with Intel짰 Core??i7-3517UE Processor
LVR-8300 ETC2-LVR-8300 Datasheet
583Kb / 2P
Fanless Rolling Stock Computer with Intel짰 Core??i5-4422E or Celeron 2002E Processor
logo
Lanner All Rights Reser...
R6S LANNER-R6S Datasheet
1Mb / 2P
Fanless Rolling Stock Computer with Intel짰 Core??i7-7600U Processor
V3S LANNER-V3S Datasheet
363Kb / 2P
Fanless In-vehicle Surveillance Computer with Intel짰 Atom??x7-E3950 Processor
logo
Advantech Co., Ltd.
ARK-2231R ADVANTECH-ARK-2231R Datasheet
1Mb / 3P
EN50155 Intel® Atom E3845 SoC Rolling Stock Fanless System
3-Aug-2022
ITA-8100 ADVANTECH-ITA-8100 Datasheet
430Kb / 2P
EN 50155 10.4" Fanless Railway Touch Panel PC with Intel Atom® x7-E3950 Processor
6-Jan-2021
ITA-8120 ADVANTECH-ITA-8120 Datasheet
427Kb / 2P
EN 50155 12.1" Fanless Railway Touch Panel PC with Intel Atom® x7-E3950 Processor
6-Jan-2021
logo
Lanner All Rights Reser...
ICS-R372 LANNER-ICS-R372 Datasheet
624Kb / 2P
Fanless Rolling Stock Computer with Intel® Atom™ x7-E3950 Processor
logo
AAEON Technology
UP4000 AAEON-UP4000 Datasheet
669Kb / 2P
UP Developer Board with Intel® Celeron® N3350/ Intel® Pentium® N4200/ Intel Atom® x7-E3950 Processor SoC
2022/10/25
UPC-PLUSX5D-A20-0232 AAEON-UPC-PLUSX5D-A20-0232 Datasheet
486Kb / 2P
UP Core Plus Developer Board with Intel® Atom™ x5-E3930/x5-E3940/x7-E3950 Processor SoC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com