Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-C1449-FREQ Datasheet (PDF) - Nel Frequency Controls,inc

SC-C1449-FREQ Datasheet PDF - Nel Frequency Controls,inc
Part # SC-C1449-FREQ
Download  SC-C1449-FREQ Download
File Size   220.65 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description LVCMOS

SC-C1449-FREQ Datasheet (PDF)

Go To PDF Page Download Datasheet
SC-C1449-FREQ Datasheet PDF - Nel Frequency Controls,inc

Part # SC-C1449-FREQ
Download  SC-C1449-FREQ Click to download

File Size   220.65 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description LVCMOS

SC-C1449-FREQ Datasheet (HTML) - Nel Frequency Controls,inc


SC-C1449-FREQ Product details

Description

The SC-C1440 Series of quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems. Supplying Pin 1 of the SC-C1440 units with a logic “1” or open enables its Pin 3 output. In the disable mode, Pin 3 presents a high impedance to the load.



Features

• High Reliability - NEL HALT/HASS qualified for crystal oscillator start-up conditions

• Low jitter - Wavecrest jitter characterization available

• Wide frequency range—70.0 MHz to 165.0 MHz

• User specified tolerance available

• Will withstand vapor phase temperatures of 253°C for 4 minutes maximum

• Space-saving alternative to discrete component oscillators

• 1.8 Volt operation

• High shock resistance, to 1000g

• High Q crystal actively tuned oscillator circuit

• Power supply decoupling internal

• No internal PLL avoids cascading PLL problems

• High frequencies due to proprietary design

• Metal lid electrically connected to ground to reduce EMI

• Gold plated pads

• RoHS Compliant, Lead Free Construction




Similar Part No. - SC-C1449-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SC-C1440 NEL-SC-C1440_10 Datasheet
147Kb / 3P
of quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems
More results


Similar Description - SC-C1449-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SC-B1440 NEL-SC-B1440 Datasheet
172Kb / 2P
LVCMOS
SC-C1420 NEL-SC-C1420 Datasheet
44Kb / 2P
LVCMOS
logo
Integrated Device Techn...
ICS8440258-46 IDT-ICS8440258-46 Datasheet
700Kb / 16P
FEMTOCLOCK??CRYSTAL/LVCMOS-TOLVDS/LVCMOS FREQUENCY SYNTHESIZER
ICS843001I-23 IDT-ICS843001I-23 Datasheet
1Mb / 24P
FemtoClock짰 Crystal/LVCMOS-to-LVPECL/ LVCMOS Frequency Synthesizer
logo
Connor-Winfield Corpora...
DOT050F-DOT050V CONNOR-WINFIELD-DOT050F-DOT050V Datasheet
464Kb / 4P
LVCMOS Output Logic
TL602-TVL602 CONNOR-WINFIELD-TL602-TVL602 Datasheet
392Kb / 3P
LVCMOS Output
logo
Abracon Corporation
AST3TQ ABRACON-AST3TQ Datasheet
2Mb / 5P
Standard LVCMOS Output
01.05.2017
logo
Integrated Device Techn...
ICS8316 IDT-ICS8316 Datasheet
232Kb / 10P
LVCMOS/LVTTL FANOUT BUFFER W/1.2V LVCMOS OUTPUTS
logo
Renesas Technology Corp
ICS8440258-46 RENESAS-ICS8440258-46 Datasheet
472Kb / 24P
FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
ICS8440259D-45 RENESAS-ICS8440259D-45 Datasheet
461Kb / 19P
FEMTOCLOCK™ CRYSTAL/LVCMOS-TOLVDS LVCMOS FREQUENCY SYNTHESIZER
FEBRUARY 26, 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com