Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD-B2989-FREQ Datasheet (PDF) - Nel Frequency Controls,inc

SD-B2989-FREQ Datasheet PDF - Nel Frequency Controls,inc
Part # SD-B2989-FREQ
Download  SD-B2989-FREQ Download
File Size   50.73 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description CRYSTAL CLOCK OSCILLATORS

SD-B2989-FREQ Datasheet (PDF)

Go To PDF Page Download Datasheet
SD-B2989-FREQ Datasheet PDF - Nel Frequency Controls,inc

Part # SD-B2989-FREQ
Download  SD-B2989-FREQ Click to download

File Size   50.73 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description CRYSTAL CLOCK OSCILLATORS

SD-B2989-FREQ Datasheet (HTML) - Nel Frequency Controls,inc


SD-B2989-FREQ Product details

Description
The SD-B2980 Series of quartz crystal oscillators provide DPECL compatible signals. Systems designers may now specify space-saving, cost-effective packaged PECL oscillators to meet their timing requirements.

Features
• Wide frequency range–60.0MHz to 312.5MHz
• User specified tolerance available
• Space-saving alternative to discrete component oscillators
• High shock resistance, to 1000g
• 2.5 volt operation
• Overtone technology
• High Reliability - NEL HALT/HASS qualified for crystal oscillator start-up conditions
• Wavecrest jitter characterization available
• High Q Crystal actively tuned oscillator circuit
• No internal PLL avoids cascading PLL problems
• Power supply decoupling internal
• Metal lid electrically connected to ground to reduce EMI
• Gold plated pads
• RoHS Compliant, Lead Free Construction




Similar Part No. - SD-B2989-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SD-B29JH99-FREQ NEL-SD-B29JH99-FREQ Datasheet
355Kb / 3P
LVPECL UHF CLOCK (XO)
SD-B29JH9E-FREQ NEL-SD-B29JH9E-FREQ Datasheet
355Kb / 3P
LVPECL UHF CLOCK (XO)
SD-B29JH9F-FREQ NEL-SD-B29JH9F-FREQ Datasheet
355Kb / 3P
LVPECL UHF CLOCK (XO)
SD-B29JH9G-FREQ NEL-SD-B29JH9G-FREQ Datasheet
355Kb / 3P
LVPECL UHF CLOCK (XO)
SD-B29JH9H-FREQ NEL-SD-B29JH9H-FREQ Datasheet
355Kb / 3P
LVPECL UHF CLOCK (XO)
More results


Similar Description - SD-B2989-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-2830 NEL-HS-2830 Datasheet
262Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SN-A2970 NEL-SN-A2970 Datasheet
33Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SU-A369X NEL-SU-A369X Datasheet
144Kb / 2P
CRYSTAL CLOCK OSCILLATORS
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
Crystal Clock Oscillators
logo
Abracon Corporation
ASL ABRACON-ASL Datasheet
258Kb / 1P
CRYSTAL CLOCK OSCILLATORS
Rev. B 01/2003
ACPEL ABRACON-ACPEL_08 Datasheet
156Kb / 2P
CRYSTAL CLOCK OSCILLATORS
Revised C: 03.11.08
logo
Wolfgang Knap
22SMOP WK-22SMOP Datasheet
98Kb / 1P
Crystal Clock Oscillators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com