Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF620 Datasheet (PDF) - List of Unclassifed Manufacturers

BF620 Datasheet PDF - List of Unclassifed Manufacturers
Part # BF620
Download  BF620 Download
File Size   34.61 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description The Small-signal NPN Silicon High Voltage Medium-Power Transistor

BF620 Datasheet (PDF)

Go To PDF Page Download Datasheet
BF620 Datasheet PDF - List of Unclassifed Manufacturers

Part # BF620
Download  BF620 Click to download

File Size   34.61 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description The Small-signal NPN Silicon High Voltage Medium-Power Transistor

BF620 Datasheet (HTML) - List of Unclassifed Manufacturers


BF620 Product details

[PLANETA]

DESCRIPTION
The BF620 is an NPN silicon epitaxial transistor designed for application as a video output to drive color CRT, telephony, professional communication equipment and other high voltage applications.
It has dynamic range and good current characteristic.
This high voltage transistor in 3-Pin mini power plastic package SOT89 offers superior quality and performance at low cost.

FEATURES
➤ Low Saturation Voltages
   VCE(sat)= 0.6 V
   VBE(sat)= 0.9 V
➤ High Breakdown Voltages
   V(BR)CBO= 300 V
   V(BR)CEO= 300 V
➤ Low Collector Current
   IC= 50 mA
➤ Complementary to BF621




Similar Part No. - BF620

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF620 PHILIPS-BF620 Datasheet
40Kb / 8P
NPN high-voltage transistors
1999 Apr 21
logo
Zetex Semiconductors
BF620 ZETEX-BF620 Datasheet
34Kb / 1P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
BF620 KEXIN-BF620 Datasheet
52Kb / 2P
Silicon NPN epitaxial planer type
logo
NXP Semiconductors
BF620 NXP-BF620 Datasheet
131Kb / 10P
NPN high-voltage transistors
2004 Dec 14
logo
Shenzhen Jin Yu Semicon...
BF620 HTSEMI-BF620 Datasheet
552Kb / 2P
TRANSISTOR (NPN)
More results


Similar Description - BF620

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC184L FAIRCHILD-BC184L Datasheet
23Kb / 3P
SILICON NPN SMALL SIGNAL TRANSISTOR
BC184C FAIRCHILD-BC184C Datasheet
25Kb / 3P
Silicon NPN Small Signal Transistor
BC184L FAIRCHILD-BC184L Datasheet
25Kb / 3P
Silicon NPN Small Signal Transistor
BC184LC FAIRCHILD-BC184LC Datasheet
25Kb / 3P
Silicon NPN Small Signal Transistor
logo
Central Semiconductor C...
CP316 CENTRAL-CP316 Datasheet
211Kb / 2P
Small Signal Transistor NPN - High Voltage Transistor Chip
CP318V CENTRAL-CP318V Datasheet
126Kb / 2P
Small Signal Transistor NPN - High Voltage Transistor Chip
logo
List of Unclassifed Man...
BF622 ETC1-BF622 Datasheet
34Kb / 2P
The Small-signal NPN Silicon High Voltage Medium-Power Transistor
logo
Motorola, Inc
MRF577T1 MOTOROLA-MRF577T1 Datasheet
112Kb / 12P
The RF Small Signal Line NPN Silicon High-Frequency Transistor
logo
TAITRON Components Inco...
2N5551 TAITRON-2N5551 Datasheet
155Kb / 4P
Small Signal High Voltage Transistor (NPN)
logo
Central Semiconductor C...
CP310 CENTRAL-CP310_10 Datasheet
481Kb / 2P
Small Signal Transistor NPN - High Voltage Transistor Chip
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com