Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC246C Datasheet (PDF) - BCM Advanced Research.

BC246C Datasheet PDF - BCM Advanced Research.
Part # BC246C
Download  BC246C Download
File Size   691.36 Kbytes
Page   1 Pages
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.
Description Intel C246 ATX Motherboard supports 8th Gen Intel Xeon E Series/Core-i/Pentium/Celeron Processors with ECC Memory Support

BC246C Datasheet (PDF)

Go To PDF Page Download Datasheet
BC246C Datasheet PDF - BCM Advanced Research.

Part # BC246C
Download  BC246C Click to download

File Size   691.36 Kbytes
Page   1 Pages
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.
Description Intel C246 ATX Motherboard supports 8th Gen Intel Xeon E Series/Core-i/Pentium/Celeron Processors with ECC Memory Support

BC246C Datasheet (HTML) - BCM Advanced Research.


BC246C Product details

Features
• LGA1151 socket supports 2C/4C/6C Intel® Xeon E, Core™-i,
Pentium®, Celeron® processors • 4 x DIMM sockets support 2666/2400/2133 MHz UDIMM up to
64GB system memory • Supports ECC Memory using compatible processors • 1 x PCIe x16, 2 x PCIe x4, 2 x PCIe x1, 2 x PCI, 2 x M.2 • Supports Triple Displays • 1 x HDMI, 2 x DisplayPorts (supports DP++), 1 x VGA • Onboard USB: 8 x USB 2.0 and 1 x USB 3.1 Gen 2 Header (2
Ports on Header) • External USB: 6 x USB 3.1 Gen 1 (Speed up to 5Gbps) and 1 x
USB 3.1 Gen 2 Type-C (Speed up to 10Gbps) • 6 x COM Ports • TPM 2.0




Similar Part No. - BC246C

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BC2401 HOLTEK-BC2401 Datasheet
1Mb / 7P
315/433MHz Super-Regenerative OOK Rx IC
logo
Bolymin, Inc
BC2402A BOLYMIN-BC2402A Datasheet
329Kb / 1P
COB with metal frame 5x7 dots with cursor
BC2402AI BOLYMIN-BC2402AI_17 Datasheet
164Kb / 1P
Multi-interface : I2C/SPI/RS232(USB optional)
BC2402A BOLYMIN-BC2402A_17 Datasheet
512Kb / 1P
COB with metal Frame
logo
Deep Sea Electronics
BC2410 DSE-BC2410 Datasheet
487Kb / 2P
Enclosed Intelligent Battery Charger - 10 Amp 12 Volt / 24 Volt
More results


Similar Description - BC246C

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PMB-601LF PROTECHSYSTEMS-PMB-601LF Datasheet
387Kb / 2P
Intel Q965 ATX Motherboard Supports Intel Core 2 Duo Processors
logo
Adlink Technology Inc.
IMB-M42H ADLINK-IMB-M42H Datasheet
540Kb / 1P
Industrial ATX Motherboard with 4th Gen Intel Core Pentium Processor
IMB-M43 ADLINK-IMB-M43 Datasheet
433Kb / 3P
Industrial ATX Motherboard with Gen Intel Core and Xeon E3-1200 Processors
IMB-M43-C236 ADLINK-IMB-M43-C236 Datasheet
433Kb / 3P
Industrial ATX Motherboard with Gen Intel Core and Xeon E3-1200 Processors
IMB-M45 ADLINK-IMB-M45 Datasheet
758Kb / 3P
Industrial ATX Motherboard with Intel Core or Xeon E Processors
logo
BCM Advanced Research.
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
MX310H BCM-MX310H Datasheet
138Kb / 1P
Intel® H310 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*, ATX-Power
2021/06/11
MX310HD BCM-MX310HD Datasheet
530Kb / 1P
Intel® H310 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*, DC-Power
10/24/2022
MX370QD BCM-MX370QD Datasheet
534Kb / 1P
Intel® Q370 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*
04/13/2023
RX370Q BCM-RX370Q Datasheet
660Kb / 1P
Intel® Q370 uATX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*
2021/5/18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com