Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8502 Datasheet (PDF) - Analog Devices

AD8502 Datasheet PDF - Analog Devices
Part # AD8502
Download  AD8502 Download
File Size   155.84 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1關 Micropower Precision CMOS Operational Amplifier

AD8502 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8502 Datasheet PDF - Analog Devices

Part # AD8502
Download  AD8502 Click to download

File Size   155.84 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1關 Micropower Precision CMOS Operational Amplifier

AD8502 Datasheet (HTML) - Analog Devices


AD8502 Product details

GENERAL DESCRIPTION
The AD8502/AD8504 are low power, precision CMOS operational amplifiers featuring a maximum supply current of 1 μA per amplifier. The AD8502/AD8504 have a maximum offset voltage of 3 mV and a typical input bias current of 1 pA operating rail to-rail on both the input and output. The AD8502/AD8504 can operate from a single-supply voltage of +1.8 V to +5.5 V or a dual-supply voltage of ±0.9 V to ±2.75 V.

FEATURES
   Supply current: 1 μA maximum/amplifier
   Offset voltage: 3 mV maximum
   Single-supply or dual-supply operation
   Rail-to-rail input and output
   No phase reversal
   Unity gain stable

APPLICATIONS
   Portable equipment
   Remote sensors
   Low power filters
   Threshold detectors
   Current sensing




Similar Part No. - AD8502

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8502 AD-AD8502 Datasheet
697Kb / 16P
1 關A Micropower CMOS Operational Amplifiers
REV. 0
AD8502 AD-AD8502 Datasheet
696Kb / 24P
22 關A, RRIO, CMOS, 18 V
REV. B
AD8502 AD-AD8502 Datasheet
210Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV.D
AD8502 AD-AD8502 Datasheet
709Kb / 24P
22 μA, RRIO, CMOS, 18 V Operational Amplifier
Rev. C
AD8502 AD-AD8502 Datasheet
456Kb / 12P
Micropower Precision CMOS Operational Amplifier
Rev. B
More results


Similar Description - AD8502

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6061 NSC-LMC6061 Datasheet
312Kb / 12P
Precision CMOS Single Micropower Operational Amplifier
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
Precision CMOS Dual Micropower Operational Amplifier
LMC6064 NSC-LMC6064 Datasheet
329Kb / 12P
Precision CMOS Quad Micropower Operational Amplifier
logo
Analog Devices
AD8500 AD-AD8500 Datasheet
630Kb / 12P
Micropower Precision CMOS Operational Amplifier
8/06-Rev. 0 to Rev. A
logo
Texas Instruments
LMC6064EP TI1-LMC6064EP Datasheet
480Kb / 18P
Precision CMOS Quad Micropower Operational Amplifier
logo
Analog Devices
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
Micropower Precision CMOS Operational Amplifier
REV. B
logo
Advanced Linear Devices
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1721 ADL-ALD1721 Datasheet
108Kb / 9P
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
logo
Advanced Linear Devices
ALD1726 ALD-ALD1726 Datasheet
104Kb / 9P
PRECISION ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com