Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8563 Datasheet (PDF) - Analog Devices

AD8563 Datasheet PDF - Analog Devices
Part # AD8563
Download  AD8563 Download
File Size   179.36 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.8 V to 5 V Auto-Zero, In-Amp with Shutdown

AD8563 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8563 Datasheet PDF - Analog Devices

Part # AD8563
Download  AD8563 Click to download

File Size   179.36 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.8 V to 5 V Auto-Zero, In-Amp with Shutdown

AD8563 Datasheet (HTML) - Analog Devices


AD8563 Product details

GENERAL DESCRIPTION
The AD85631 is a precision instrumentation amplifier featuring low noise, rail-to-rail output and a power-saving shutdown mode. The AD8563 also features low offset voltage and drift coupled with high common-mode rejection. In shutdown mode, the total supply current is reduced to less than 4 μA. The AD8563 is capable of operating from 2.7 V to 5.5 V.

FEATURES
   Low offset voltage: 25 μV max
   Low input offset drift: 0.1 μV/°C max
   High CMR: 120 dB min @ G = 100
   Low noise: 0.7 μV p-p from 0.01 Hz to 10 Hz
   Wide gain range: 1 to 10,000
   Single-supply operation: +2.7 V to +5.5 V
   Rail-to-rail output
   Shutdown capability
   −40°C to +125°C operation

APPLICATIONS
   Strain gauge
   Weigh scales
   Pressure sensors
   Laser diode control loops
   Portable medical instruments
   Thermocouple amplifiers




Similar Part No. - AD8563

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8563 AD-AD8563_15 Datasheet
188Kb / 15P
1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
Rev. PrA
More results


Similar Description - AD8563

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C2552 TI-TL16C2552 Datasheet
445Kb / 34P
1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
logo
Analog Devices
ADA4051-2 AD-ADA4051-2 Datasheet
611Kb / 20P
1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. 0
ADA4051-1 AD-ADA4051-1 Datasheet
620Kb / 20P
1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. B
AD8553 AD-AD8553 Datasheet
334Kb / 20P
1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
REV. A
AD8553ARMZ-R2 AD-AD8553ARMZ-R2 Datasheet
334Kb / 20P
1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
REV. A
AD8553 AD-AD8553_15 Datasheet
334Kb / 20P
1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
Rev. A
AD8563 AD-AD8563_15 Datasheet
188Kb / 15P
1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
Rev. PrA
logo
Texas Instruments
TL16C2550-Q1 TI1-TL16C2550-Q1 Datasheet
997Kb / 38P
1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2752 TI1-TL16C2752_16 Datasheet
393Kb / 26P
1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
logo
Analog Devices
AD8553 AD-AD8553_16 Datasheet
383Kb / 21P
1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com