Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1091L Datasheet (PDF) - Maxim Integrated Products

DS1091L Datasheet PDF - Maxim Integrated Products
Part # DS1091L
Download  DS1091L Download
File Size   121.65 Kbytes
Page   6 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Automotive Temperature Range Spread-Spectrum Econoscillator

DS1091L Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1091L Datasheet PDF - Maxim Integrated Products

Part # DS1091L
Download  DS1091L Click to download

File Size   121.65 Kbytes
Page   6 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Automotive Temperature Range Spread-Spectrum Econoscillator

DS1091L Datasheet (HTML) - Maxim Integrated Products


DS1091L Product details

General Description
The DS1091L is a low-cost clock generator that is factory trimmed to output frequencies from 130kHz to 66.6MHz with a nominal accuracy of ±0.25%. The device can also produce a center- or down-dithered spread-spectrum output with pin-selectable dither magnitude and rate. Assembled in an 8-pin µMAX® package, the DS1091L is designed to operate with a 3.0V to 3.6V power supply over the automotive temperature range (-40°C to +125°C).

Features
◆ Spread-Spectrum Clock Output from 130kHz to 66.6MHz
◆ -40°C to +125°C Operating Temperature Range
◆ ±1.75% Accuracy Across Temperature and Voltage
◆ Factory Trimmed
◆ Center-Dithered (DS1091LUA) or Down-Dithered (DS1091LUB) Spread-Spectrum Output
◆ Pin-Selectable Center-Dither Magnitude of 0%, ±1%, ±2%, or ±4%
◆ Pin-Selectable Down-Dither Magnitude of 0%, -2%, -4%, or -8%
◆ Pin-Selectable Dither Rate
◆ 3.0V to 3.6V Supply Operation
◆ Lead(Pb)-Free, 8-Pin µMAX Package

Applications
    Automotive Infotainment
    POS Terminals
    LCD Displays
    Printers
    Industrial Control




Similar Part No. - DS1091L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1091L MAXIM-DS1091L Datasheet
1Mb / 9P
Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 2; 9/11
DS1091L MAXIM-DS1091L Datasheet
1Mb / 9P
Automotive Temperature Range Spread-Spectrum EconOscillator™
Rev 2; 9/11
DS1091LUA-027+ MAXIM-DS1091LUA-027+ Datasheet
1Mb / 9P
Automotive Temperature Range Spread-Spectrum EconOscillator™
Rev 2; 9/11
DS1091LUA-027+T MAXIM-DS1091LUA-027+T Datasheet
1Mb / 9P
Automotive Temperature Range Spread-Spectrum EconOscillator™
Rev 2; 9/11
DS1091LUA-033+ MAXIM-DS1091LUA-033+ Datasheet
1Mb / 9P
Automotive Temperature Range Spread-Spectrum EconOscillator™
Rev 2; 9/11
More results


Similar Description - DS1091L

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1086 DALLAS-DS1086 Datasheet
229Kb / 14P
DS1086 Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1086L MAXIM-DS1086L_07 Datasheet
225Kb / 16P
3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
DS1091L MAXIM-DS1091L_11 Datasheet
1Mb / 9P
Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 2; 9/11
DS1086_1203 MAXIM-DS1086_1203 Datasheet
200Kb / 15P
Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1091L MAXIM-DS1091L_12 Datasheet
1Mb / 9P
Automotive Temperature Range Spread-Spectrum EconOscillator™
Rev 2; 9/11
DS1091L MAXIM-DS1091L_13 Datasheet
1Mb / 9P
Automotive Temperature Range Spread-Spectrum EconOscillator™
Rev 3; 6/13
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
MAX31091 MAXIM-MAX31091 Datasheet
497Kb / 8P
Automotive Temperature Range Spread-Spectrum EconOscillator?
19-7303; Rev 2; 11/18
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com