Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB1240 Datasheet (PDF) - VBsemi Electronics Co.,Ltd

VB1240 Datasheet PDF - VBsemi Electronics Co.,Ltd
Part # VB1240
Download  VB1240 Download
File Size   681.37 Kbytes
Page   9 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description N-Channel 20 V (D-S) MOSFET

VB1240 Datasheet (PDF)

Go To PDF Page Download Datasheet
VB1240 Datasheet PDF - VBsemi Electronics Co.,Ltd

Part # VB1240
Download  VB1240 Click to download

File Size   681.37 Kbytes
Page   9 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description N-Channel 20 V (D-S) MOSFET

VB1240 Datasheet (HTML) - VBsemi Electronics Co.,Ltd


VB1240 Product details

FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
• TrenchFET® Power MOSFET
• 100 % Rg Tested
• Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
• DC/DC Converters
• Load Switch for Portable Applications




Similar Part No. - VB1240

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VB1240 VBSEMI-VB1240 Datasheet
672Kb / 9P
N-Channel 20 V (D-S) MOSFET
VB1240B VBSEMI-VB1240B Datasheet
697Kb / 9P
N-Channel 20 V (D-S) MOSFET
VB1240B VBSEMI-VB1240B Datasheet
691Kb / 9P
N-Channel 20 V (D-S) MOSFET
VB1240B VBSEMI-VB1240B_V01 Datasheet
691Kb / 9P
N-Channel 20 V (D-S) MOSFET
VB1240X VBSEMI-VB1240X Datasheet
733Kb / 9P
N-Channel 20V (D-S) MOSFET
More results


Similar Description - VB1240

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1906DL VISHAY-SI1906DL Datasheet
43Kb / 4P
N-Channel 20-V (D-S) MOSFET
28-Aug-00
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
N-Channel 20-V (D-S) MOSFET
15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
N-Channel 20-V (D-S) MOSFET
31-Oct-05
SI7348DP VISHAY-SI7348DP Datasheet
50Kb / 5P
N-Channel 20-V (D-S) MOSFET
31-Mar-03
SI5432DC VISHAY-SI5432DC Datasheet
112Kb / 7P
N-Channel 20-V (D-S) MOSFET
22-Sep-08
logo
Guangdong Kexin Industr...
KI2314EDS KEXIN-KI2314EDS Datasheet
50Kb / 2P
N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SIR440DP VISHAY-SIR440DP Datasheet
112Kb / 7P
N-Channel 20-V (D-S) MOSFET
04-Aug-08
SIR484DP VISHAY-SIR484DP Datasheet
126Kb / 7P
N-Channel 20-V (D-S) MOSFET
03-Nov-08
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
N-Channel 20 V (D-S) MOSFET
30-Apr-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com