Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB2703K Datasheet (PDF) - VBsemi Electronics Co.,Ltd

VB2703K Datasheet PDF - VBsemi Electronics Co.,Ltd
Part # VB2703K
Download  VB2703K Download
File Size   752.7 Kbytes
Page   7 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description P-Channel 70 V (D-S) MOSFET

VB2703K Datasheet (PDF)

Go To PDF Page Download Datasheet
VB2703K Datasheet PDF - VBsemi Electronics Co.,Ltd

Part # VB2703K
Download  VB2703K Click to download

File Size   752.7 Kbytes
Page   7 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description P-Channel 70 V (D-S) MOSFET

VB2703K Datasheet (HTML) - VBsemi Electronics Co.,Ltd


VB2703K Product details

FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
• TrenchFET® Power MOSFET
• High-Side Switching
• Low On-Resistance: 3 
• Low Threshold: - 2 V (typ.)
• Fast Swtiching Speed: 20 ns (typ.)
• Low Input Capacitance: 20 pF (typ.)
• Compliant to RoHS Directive 2002/95/EC




Similar Part No. - VB2703K

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VB2703K VBSEMI-VB2703K Datasheet
756Kb / 7P
P-Channel 70 V (D-S) MOSFET
More results


Similar Description - VB2703K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM90P10-19L VISHAY-SUM90P10-19L Datasheet
229Kb / 3P
P-Channel 100-V (D-S) MOSFET
24-Jul-06
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
P-Channel 30-V (D-S) MOSFET
25-Oct-04
logo
Analog Power
AM130N07-06M3P ANALOGPOWER-AM130N07-06M3P Datasheet
314Kb / 5P
N-Channel 70-V (D-S) MOSFET
AM7670N ANALOGPOWER-AM7670N Datasheet
460Kb / 5P
Dual N-Channel 70-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VB2703K VBSEMI-VB2703K Datasheet
756Kb / 7P
P-Channel 70 V (D-S) MOSFET
logo
Vishay Siliconix
SIS176LDN VISHAY-SIS176LDN Datasheet
265Kb / 9P
N-Channel 70 V (D-S) MOSFET
09-Nov-2020
SIS178LDN VISHAY-SIS178LDN Datasheet
236Kb / 9P
N-Channel 70 V (D-S) MOSFET
22-Mar-2021
SISS76LDN VISHAY-SISS76LDN Datasheet
309Kb / 9P
N-Channel 70 V (D-S) MOSFET
13-Jul-2020
SISS78LDN VISHAY-SISS78LDN Datasheet
260Kb / 9P
N-Channel 70 V (D-S) MOSFET
18-May-2020
logo
Nexperia B.V. All right...
PMT200EPE NEXPERIA-PMT200EPE Datasheet
290Kb / 15P
70 V, P-channel Trench MOSFET
14 March 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com