Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9876 Datasheet (PDF) - Belden Inc.

9876 Datasheet PDF - Belden Inc.
Part # 9876
Download  9876 Download
File Size   169.09 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio, Control & Instrument, #20-11pr, PO, Indiv. Foil, PVC Jkt, CM

9876 Datasheet (PDF)

Go To PDF Page Download Datasheet
9876 Datasheet PDF - Belden Inc.

Part # 9876
Download  9876 Click to download

File Size   169.09 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio, Control & Instrument, #20-11pr, PO, Indiv. Foil, PVC Jkt, CM

9876 Datasheet (HTML) - Belden Inc.


9876 Product details

Product Description
Audio, Control & Instrument Cable, 20 AWG stranded (7x28) tinned copperconductors, polypropylene insulation, 11 twisted pairs, individually shielded with
Beldfoil® (100% coverage), 22 AWG stranded tinned copperdrain wire, overall PVC jacket.




Similar Part No. - 9876

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
98761-1001 MOLEX11-98761-1001 Datasheet
48Kb / 2P
3.33mm / 4.20mm Pitch Hybrid Male Connector, Sealed, 30 Circuits, Black
98761-1002 MOLEX11-98761-1002 Datasheet
73Kb / 2P
3.33mm / 4.20mm Pitch Hybrid Male Connector, Sealed, 30 Circuits, Brown
98761-1003 MOLEX11-98761-1003 Datasheet
60Kb / 2P
3.33mm / 4.20mm Pitch Hybrid Male Connector, Sealed, 30 Circuits, Gray
987650-0531 MOLEX-987650-0531 Datasheet
46Kb / 2P
Self-Contained Power Connector (SCPC)
03/25/2019
987650-1973 MOLEX-987650-1973 Datasheet
29Kb / 2P
iGrid Wire-to-Board Dual-Row System
08/20/2018
More results


Similar Description - 9876

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9773 BELDEN-9773 Datasheet
239Kb / 2P
Audio, Control & Instrument, #18-3pr, PO, Indiv. Foil, PVC Jkt, CM
8775 BELDEN-8775 Datasheet
170Kb / 2P
Audio, Control & Instrument, #22-11pr, PP, Indiv. Foil, PVC Jkt, CM
01-20-2023
9777 BELDEN-9777 Datasheet
169Kb / 2P
Audio, Control & Instrument, #18-15pr, PO, Indiv. Foil, PVC Jkt, CM
01-20-2023
9877 BELDEN-9877 Datasheet
191Kb / 2P
Audio, Control & Instrument, #20-12pr, PO, Indiv. Foil, PVC Jkt, CM
04-19-2023
9879 BELDEN-9879 Datasheet
169Kb / 2P
Audio, Control & Instrument, #20-15pr, PO, Indiv. Foil, PVC Jkt, CM
05-05-2023
9992 BELDEN-9992 Datasheet
161Kb / 2P
Audio, Control & Instrument, #24-9pr, PO, Indiv. Foil, PVC Jkt, CM
05-05-2023
9993 BELDEN-9993 Datasheet
169Kb / 2P
Audio, Control & Instrument, #24-12pr, PO, Indiv. Foil, PVC Jkt, CM
01-20-2023
9873 BELDEN-9873 Datasheet
159Kb / 2P
Audio, Control & Instrument, #20-3pr, PO, Indiv. Foil, PVC Jkt, CM
01-20-2023
9875 BELDEN-9875 Datasheet
211Kb / 2P
Audio, Control & Instrument, #20-9pr, PO, Indiv. Foil, PVC Jkt, CM
04-19-2023
9874 BELDEN-9874 Datasheet
205Kb / 2P
Audio, Control & Instrument, #20-6pr, PO, Indiv. Foil, PVC Jkt, CM
04-27-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com