Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMEG2010BELD Datasheet (PDF) - Nexperia B.V. All rights reserved

PMEG2010BELD Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMEG2010BELD
Download  PMEG2010BELD Download
File Size   243.87 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, 1 A low VF Schottky barrier rectifier

PMEG2010BELD Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG2010BELD Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMEG2010BELD
Download  PMEG2010BELD Click to download

File Size   243.87 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, 1 A low VF Schottky barrier rectifier

PMEG2010BELD Datasheet (HTML) - Nexperia B.V. All rights reserved


PMEG2010BELD Product details

1. General description
Planar Schottky barrier rectifier with an integrated guard ring for stress protection, encapsulated in
a leadless ultra small DFN1006D-2 (SOD882D) Surface-Mounted Device (SMD) plastic package
with visible and solderable side pads.

2. Features and benefits
• Average forward current: IF(AV) ≤ 1 A
• Reverse voltage: VR ≤ 20 V
• Low forward voltage VF ≤ 490 mV
• Ultra small and leadless SMD plastic package
• Solderable side pads
• Package height typ. 0.37 mm

3. Applications
• Low voltage rectification
• High efficiency DC-to-DC conversion
• Switch mode power supply
• Reverse polarity protection
• Low power consumption applications
• Ultra high-speed switching
• LED backlight for mobile application




Similar Part No. - PMEG2010BELD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2010BELD NXP-PMEG2010BELD Datasheet
966Kb / 14P
20 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 1-18 April 2012
logo
Nexperia B.V. All right...
PMEG2010BELD-Q NEXPERIA-PMEG2010BELD-Q Datasheet
244Kb / 12P
20 V, 1 A low VF MEGA Schottky barrier rectifier
18 May 2021
logo
NXP Semiconductors
PMEG2010BELD PHILIPS-PMEG2010BELD_15 Datasheet
211Kb / 14P
20 V, 1 A low VF MEGA Schottky barrier rectifier
4 August 2015
More results


Similar Description - PMEG2010BELD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2010EPK PHILIPS-PMEG2010EPK Datasheet
1Mb / 13P
20 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 1-20 January 2012
PMEG2010BELD NXP-PMEG2010BELD Datasheet
966Kb / 14P
20 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 1-18 April 2012
PMEG2010BELD PHILIPS-PMEG2010BELD_15 Datasheet
211Kb / 14P
20 V, 1 A low VF MEGA Schottky barrier rectifier
4 August 2015
PMEG2010EPAS PHILIPS-PMEG2010EPAS_15 Datasheet
231Kb / 15P
20 V, 1 A low VF MEGA Schottky barrier rectifier
19 January 2015
logo
Nexperia B.V. All right...
PMEG2010EPAS NEXPERIA-PMEG2010EPAS Datasheet
713Kb / 15P
20 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG2010BER-Q NEXPERIA-PMEG2010BER-Q Datasheet
260Kb / 13P
20 V, 1 A low Vf Schottky barrier rectifier
16 November 2022
PMEG2010BELD-Q NEXPERIA-PMEG2010BELD-Q Datasheet
244Kb / 12P
20 V, 1 A low VF MEGA Schottky barrier rectifier
18 May 2021
PMEG2010EPK NEXPERIA-PMEG2010EPK Datasheet
1Mb / 15P
20 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 2 - 14 March 2012
PMEG2010AEB NEXPERIA-PMEG2010AEB Datasheet
208Kb / 8P
20 V, 1 A low VF MEGA Schottky barrier rectifier
1 October 2022
PMEG2010BER NEXPERIA-PMEG2010BER Datasheet
282Kb / 13P
20 V, 1 A low VF Schottky barrier rectifier
1 January 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com