Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMEG2015EV Datasheet (PDF) - Nexperia B.V. All rights reserved

PMEG2015EV Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMEG2015EV
Download  PMEG2015EV Download
File Size   185.12 Kbytes
Page   8 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, 1.5 A low VF Schottky barrier diode

PMEG2015EV Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG2015EV Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMEG2015EV
Download  PMEG2015EV Click to download

File Size   185.12 Kbytes
Page   8 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, 1.5 A low VF Schottky barrier diode

PMEG2015EV Datasheet (HTML) - Nexperia B.V. All rights reserved


PMEG2015EV Product details

1. General description
Planar Schottky barrier diode with an integrated guard ring for stress protection, encapsulated in a
SOT666 ultra small Surface-Mounted Device (SMD) plastic package.

2. Features and benefits
• Forward current: 1.5 A
• Reverse voltage: 20 V
• Very low forward voltage
• Ultra small plastic SMD package
• Flat leads: excellent coplanarity and improved thermal behaviour

3. Applications
• Low voltage rectification
• High efficiency DC-DC conversion
• Switch mode power supply
• Inverse polarity protection
• Low power consumption applications




Similar Part No. - PMEG2015EV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2015EV NXP-PMEG2015EV Datasheet
112Kb / 7P
Low VF MEGA Schottky barrier diode
2003 Jun 03
PMEG2015EV PHILIPS-PMEG2015EV_15 Datasheet
112Kb / 7P
Low VF MEGA Schottky barrier diode
2003 Jun 03
More results


Similar Description - PMEG2015EV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2015EH PHILIPS-PMEG2015EH Datasheet
58Kb / 9P
20 V, 1.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-7 April 2005
PMEG2015EH NXP-PMEG2015EH_10 Datasheet
115Kb / 9P
20 V, 1.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 03-15 January 2010
PMEG2015EH PHILIPS-PMEG2015EH_15 Datasheet
115Kb / 9P
20 V, 1.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 03-15 January 2010
PMEG2015EPK PHILIPS-PMEG2015EPK_15 Datasheet
1Mb / 14P
20 V, 1.5 A low VF MEGA Schottky barrier rectifier
Rev. 1-6 March 2012
PMEG4015EPK PHILIPS-PMEG4015EPK_15 Datasheet
1Mb / 14P
40 V, 1.5 A low VF MEGA Schottky barrier rectifier
Rev. 2-6 March 2012
logo
Nexperia B.V. All right...
PMEG2015EPK NEXPERIA-PMEG2015EPK Datasheet
1Mb / 15P
20 V, 1.5 A low VF MEGA Schottky barrier rectifier
PMEG4015EPK NEXPERIA-PMEG4015EPK Datasheet
1Mb / 15P
40 V, 1.5 A low VF MEGA Schottky barrier rectifier
PMEG2010EA-Q NEXPERIA-PMEG2010EA-Q Datasheet
186Kb / 8P
20 V, 1 A low VF Schottky barrier diode
4 November 2022
PMEG3015EV NEXPERIA-PMEG3015EV Datasheet
189Kb / 8P
30 V, 1.5 A ultra low VF Schottky barrier rectifier
28 December 2022
PMEG2015EH NEXPERIA-PMEG2015EH Datasheet
693Kb / 9P
20 V, 1.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 03 - 15 January 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com