Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD3162 Datasheet (PDF) - NXP Semiconductors

GD3162 Datasheet PDF - NXP Semiconductors
Part # GD3162
Download  GD3162 Download
File Size   193.2 Kbytes
Page   10 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Advanced IGBT/SiC gate driver with dynamic gate strength adjust

GD3162 Datasheet (PDF)

Go To PDF Page Download Datasheet
GD3162 Datasheet PDF - NXP Semiconductors

Part # GD3162
Download  GD3162 Click to download

File Size   193.2 Kbytes
Page   10 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Advanced IGBT/SiC gate driver with dynamic gate strength adjust

GD3162 Datasheet (HTML) - NXP Semiconductors


GD3162 Product details

1 General description
The GD3162 is an advanced, galvanically isolated, single-channel gate driver designed to drive the latest SiC and IGBT modules for xEV traction inverters. The device does this while enabling space savings and performance improvements through advanced gate-drive functionality.
The GD3162 offers integrated galvanic isolation, a programmable interface via SPI, and advanced
programmable protection features, such as overtemperature, desaturation, and current sense protection. GD3162 with integrated boost capability, can drive most SiC MOSFET and IGBT/SiC module gates directly and is able to shape the gate drive capability in order to improve the power device’s switching performance and reduce voltage stress. The control of the gate strength can be done using either SPI commands or the GS Enable Pins. GS_ENH logic controls the drive strength of the turn on, and GS_ENL controls the drive strength of the turn off. To further
improve performance, these functions are designed to operate independent of each other. Three separate pullup drive strengths and three pulldown drive strengths are made available via trilevel functions on the input pins or commands in SPI. The GD3162 autonomously manages faults and reports power device and gate driver status via the INTB pin. VCE/VDS monitoring, as well as VGE monitoring, can be selected to be output on the INTA/RTRPT pin.
The GD3162 includes self-test and control protection functions for design of high functional safety integrity level systems (ASIL C/D) and meets the stringent requirements of automotive applications, being fully AEC-Q100 grade 1 qualified.

2 Features and benefits
This section summarizes the key features, safety features, and regulatory approvals for the GD3162.
2.1 Key features
• Integrated galvanic signal isolation (up to 8 kV)
• Integrated boost capability for increased drive strength: Up to 10 A/ 20 A/ 30 A source/sink current available
by gate strength selection
• SPI or 3-state enabled GS_ENH and GS_ENL low-voltage domain pins to dynamically control gate drive
strength. Adjustment of gate strength up to 20 KHz supported
• Dual gate pullup pins and dual gate pulldown pins for enhanced drive capability, synchronous adjustment of
gate strength, reduced thermal loading during weak drive, and independent verification of each drive state
operation
• SPI programmable ISEN/COMP setpoint, to allow the gate driver to automatically control gate drive strength
based on high-voltage domain inputs.
• Temperature sense pins compatible with NTC and PTC thermistors allow for local control of temperaturebased
gate-drive strength, as well as power device temperature monitoring via AOUT pin or SPI.
• Programmable ADC delay – Up to 8 μs sampling delay from rising or falling edge of PWM.
• Active Bus Discharge Functionality (PGD3162AM551EK and PGD3162AM581EK only) – Provides either
MCU controlled or Safety Logic Controlled Gate drive to actively discharge the DC Link Capacitor.
• VDS measurement capability for RDSon and junction temperature estimation
• SPI interface for safety monitoring, configuration, and diagnostic reporting
• VCE power device monitoring via the low-voltage domain INTA/RTRPT pin
• Supports high PWM switching frequencies: PWM up to 100 kHz, thermally limited
• Fail-safe state management from LV and HV domain for user-selectable safe state
• Configurable desaturation and current sense optimized for protecting SiC and IGBTs against short circuit in
less than 1 μs
• INTA/RTRPT and INTB Interrupt pins for current and voltage Fault Reporting and, if selected, VCE or VGE
real-time reporting.
• Advanced two-level turn-off (2LTO) in combination with soft shutdown gate current to reduce current and
voltage stress associated with rapid turnoff.
• CMTI > 100 V/ns

2.2 Safety features
• Certified compliant with ISO 26262, supporting ASIL D level functional safety
• Error checking of SPI and configuration data with 8-bit CRC
• Autonomously manages severe faults and reports status via configurable INTB and/or INTA/RTRPT pins, and
SPI interface
• VCE/VGE real-time cycle-by-cycle monitoring and reporting for feedback of power device status.
• Built-in self-test (BIST) of all analog and digital circuits
• Continuous watchdog of communications across isolation barrier
• Deadtime enforcement
• Overvoltage and undervoltage supervision of 5 V bias supply for LV circuitry
• Overvoltage and undervoltage supervision of VCC supply for HV circuitry
• Dedicated fail-safe state management pins on both low-voltage and high-voltage sides

2.3 Safety and regulatory approvals
• Reinforced isolation per DIN V VDE V 0884-10
• Withstand 5000 V rms (1 minute) isolation per UL 1577
• AEC-Q100 grade 1 automotive qualified




Similar Part No. - GD3162

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GD3162 NXP-GD3162 Datasheet
218Kb / 11P
Advanced IGBT/SiC gate driver with dynamic gate strength adjust
Rev. 1 - 29 November 2022
GD3162_SDS NXP-GD3162_SDS Datasheet
210Kb / 12P
Advanced IGBT/SiC gate driver with dynamic gate strength adjust
Rev. 2 - 12 January 2024
More results


Similar Description - GD3162

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8316AS TOSHIBA-TA8316AS Datasheet
213Kb / 6P
IGBT GATE DRIVER
logo
International Rectifier
OM9404SM IRF-OM9404SM Datasheet
32Kb / 3P
IGBT GATE DRIVER
logo
Texas Instruments
UCC21732-Q1 TI1-UCC21732-Q1 Datasheet
57Kb / 4P
Single Channel Isolated Gate Driver for SiC/IGBT with Advanced Protection and High-CMTI
logo
IXYS Corporation
IX6611 IXYS-IX6611 Datasheet
1Mb / 15P
IGBT Gate Driver
logo
Texas Instruments
UCC21750 TI1-UCC21750 Datasheet
542Kb / 6P
single channel isolated gate driver for SiC/IGBT with advanced protection and high-CMTI
UCC21710-Q1 TI1-UCC21710-Q1 Datasheet
543Kb / 6P
single channel isolated gate driver for SiC/IGBT with advanced protection and high-CMTI
UCC21732-Q1 TI1-UCC21732-Q1_19 Datasheet
57Kb / 4P
Single Channel Isolated Gate Driver for SiC/IGBT with Advanced Protection and High-CMTI
logo
NXP Semiconductors
GD3162 NXP-GD3162 Datasheet
218Kb / 11P
Advanced IGBT/SiC gate driver with dynamic gate strength adjust
Rev. 1 - 29 November 2022
MC33GD3100 NXP-MC33GD3100 Datasheet
508Kb / 18P
Advanced IGBT/SiC gate driver
Rev. 9.0 - 5 March 2020
MC33GD3100 NXP-MC33GD3100_V01 Datasheet
480Kb / 21P
Advanced IGBT/SiC gate driver
Rev. 10.0 - 29 September 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com