Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF0AES2001DUD Datasheet (PDF) - NXP Semiconductors

MF0AES2001DUD Datasheet PDF - NXP Semiconductors
Part # MF0AES2001DUD
Download  MF0AES2001DUD Download
File Size   653.72 Kbytes
Page   72 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MIFARE Ultralight AES contactless limited-use IC

MF0AES2001DUD Datasheet (PDF)

Go To PDF Page Download Datasheet
MF0AES2001DUD Datasheet PDF - NXP Semiconductors

Part # MF0AES2001DUD
Download  MF0AES2001DUD Click to download

File Size   653.72 Kbytes
Page   72 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MIFARE Ultralight AES contactless limited-use IC

MF0AES2001DUD Datasheet (HTML) - NXP Semiconductors


MF0AES2001DUD Product details

1 General description
MIFARE Ultralight AES is a smart IC serving the requirements of limited use applications for contactless tickets
and RFID key cards managed by one single entity. MIFARE Ultralight AES is offering a powerful mix between
performance, security, privacy and flexibility. It addresses the needs of limited use applications such as public
transport, hospitality, access, event ticketing and loyalty applications, by expanding the MIFARE Ultralight
ticketing IC portfolio and adds Advanced Encryption Standards (AES) into it.
MIFARE Ultralight AES comes with AES-128 cryptography and enables product protection mechanisms
in terms of product authenticity and integrity. Its enhanced feature and command set enables efficient
implementations and offers flexibility in system designs and is a perfect contactless ticketing expansion to the
smart card contactless IC families such as MIFARE DESFire or MIFARE Plus. Based on these parameters
the MIFARE Ultralight AES is a trusted platform targeting the secure authentication of people with an intuitive
convenient user experience.
MIFARE Ultralight AES is fully compliant with the contactless proximity smart card protocol according to ISO/
IEC 14443-3 making it compatible with the majority of existing contactless infrastructure devices. Its contactless
performance supports advanced user convenience and reading distances up to 10 cm (depending on various
parameters as e.g. field strength and antenna geometry).
MIFARE Ultralight AES has a 4 byte per one page memory structure with a total user memory of 144-byte.
To protect sensitive data against unauthorized access, MIFARE Ultralight AES offers a 3-pass mutual
authentication based on AES with a 128-bit key. For data integrity protection an optional CMAC calculation for
commands and response can be enabled, following NIST Special Publication 800-38B, see [15]. Besides the
data protection MIFARE Ultralight AES serves the option to protect one out of the three independent 24-bit
one-way counters by an AES authentication. To prevent undefined counters values due to tear-off in the field or
originating from interrupted programming cycles an advanced anti-tearing support is implemented.
MIFARE Ultralight AES is also ready to support contactless applications addressing privacy sensitive
use-cases. With its optional support of Random ID, it enables compliance with latest user data protection
regulations.
MIFARE Ultralight AES enables check of the manufacturing origin of a ticket by verification of an asymmetric
signature retrieved from the IC using the UID and an ECC-based originality signature. The default NXP
signature can be overwritten with a customer-specific signature during personalization. The purpose
of originality check is to identify mass penetration of none-genuine MIFARE Ultralight AES ICs into an
infrastructure.
MIFARE Ultralight AES is designed to support smart ticket antenna designs with a 17 pF input capacitance
as well as smaller form factors for key fobs, tags or wristbands by providing 50 pF input capacitance. This
is offered by FFC deliveries and MOA8 modules to ensure high user convenience throughout different form
factors.

2 Features and benefits
• Contactless transmission of data and supply energy compliant to ISO/IEC 14443 -2/ -3 A, see [1]and [2]
• Operating frequency of 13.56 MHz
• Data transfer of 106 kbit/s
• Data integrity of 16-bit CRC, parity, bit coding, bit counting
• Anti-collision function allows to operate more than one card in the field simultaneously
• Low power consumption enabling operating distances of up to 10 cm (depending on various parameters as
e.g. field strength and antenna geometry)
• Fast start-up time for reliable and robust detection
• Support of double size (7-byte) Unique IDentifiers (UID) and optionally Random ID (RID) according to ISO/IEC
14443-3 A, [2]
• Optional CMAC calculation for data integrity protection
• 3-pass mutual authentication with AES based on a 128-bit key
• ECC-based originality signature, offering the possibility for customizing and permanently locking
• Fast read command
• 17 pF and 50 pF input capacitance to support high user convenience throughout different form factors
• Fast counter transaction

3 Applications
The target applications of the MIFARE Ultralight AES are primarily designed for single or limited use
applications such as:
• Public transport for limited use ticketing
• Hospitality RFID basic guest card
• Event ticketing
• Electronic voucher
• Loyalty tickets




Similar Part No. - MF0AES2001DUD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF0AES2001DUD NXP-MF0AES2001DUD Datasheet
680Kb / 73P
MIFARE Ultralight AES contactless limited-use IC
Rev. 3.1-29 April 2022
More results


Similar Description - MF0AES2001DUD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF3ICD21 PHILIPS-MF3ICD21 Datasheet
74Kb / 15P
MIFARE DESFire EV1 contactless multi-application IC
Rev. 02-6 March 2009
MF0ICU2 NXP-MF0ICU2 Datasheet
89Kb / 15P
MIFARE Ultralight C
Rev. 3.2-19 May 2009
MF3ICD21 NXP-MF3ICD21 Datasheet
82Kb / 15P
MIFARE DESFire EV1 contactless multi-application IC
Rev. 02-6 March 2009
MF0ULX1 NXP-MF0ULX1 Datasheet
1Mb / 50P
MIFARE Ultralight EV1 - contactless ticket IC
Rev. 3.0-19 February 2013
MF3DX2 NXP-MF3DX2 Datasheet
317Kb / 27P
MIFARE DESFire EV2 contactless multi-application IC
Rev.3.2-12 June2019
MF3DX3 NXP-MF3DX3 Datasheet
409Kb / 28P
MIFARE DESFire EV3 contactless multi-application IC
Rev.3.0-15 May2020
MF3ICDQ1 NXP-MF3ICDQ1 Datasheet
112Kb / 18P
MIFARE DESFire EV1 256B contactless smartcard IC
Rev.3.0-5 November2015
MF3ICDX21 NXP-MF3ICDX21 Datasheet
117Kb / 18P
MIFARE DESFire EV1 contactless multi-application IC
Rev.3.2-9 December2015
MF0AES20 NXP-MF0AES20 Datasheet
680Kb / 73P
MIFARE Ultralight AES contactless limited-use IC
Rev. 3.1-29 April 2022
MF2DLHX0 NXP-MF2DLHX0 Datasheet
1Mb / 132P
MIFARE DESFire Light contactless application IC
Rev. 3.3 - 5 April 2019
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com