Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9848PW Datasheet (PDF) - NXP Semiconductors

PCA9848PW Datasheet PDF - NXP Semiconductors
Part # PCA9848PW
Download  PCA9848PW Download
File Size   430.65 Kbytes
Page   29 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-channel ultra-low voltage, Fm I2C-bus switch with reset

PCA9848PW Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9848PW Datasheet PDF - NXP Semiconductors

Part # PCA9848PW
Download  PCA9848PW Click to download

File Size   430.65 Kbytes
Page   29 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-channel ultra-low voltage, Fm I2C-bus switch with reset

PCA9848PW Datasheet (HTML) - NXP Semiconductors


PCA9848PW Product details

1 General description
The PCA9848 is an ultra-low voltage, octal bidirectional translating switch controlled via the I2C-bus. The SCL/
SDA upstream pair fans out to eight downstream pairs, or channels. Any or all SCx/SDx channels can be
selected, determined by the programmable control register. This feature allows multiple devices with the same
I2C-bus address to reside on the same bus. The switch device can also separate a heavily loaded I2C-bus into
separate bus segments, eliminating the need for a bus buffer.
An active LOW reset input allows the PCA9848 to recover from a situation where one of the downstream I2Cbuses
is stuck in a LOW state. Pulling the RESET pin LOW resets the I2C-bus state machine and deselects all
the channels, as does the internal Power-On Reset (POR) function.
The pass gates of the switches are constructed such that the VDD1 pin is used to limit the maximum high voltage
which is passed by the PCA9848. This allows the use of different bus voltages on each channel, so that 0.8 V,
1.8 V, 2.5 V or 3.3 V parts can communicate without any additional protection. External pull-up resistors pull the
bus up to the desired voltage level for each channel. All I/O pins are 3.6 V tolerant.

2 Features and benefits
• Ultra-low voltage operation, down to 0.8 V to interface with next-generation CPUs
• 1-of-8 bidirectional translating switch
• Fm+ I2C-bus interface logic; compatible with SMBus standards
• Active LOW reset input
• Two address pins allow up to 16 devices on the I2C-bus
• Channel selection via I2C-bus
• Power-up with all switch channels deselected
• Low Ron switches
• Allows voltage level translation between 0.8 V, 1.8 V, 2.5 V and 3.3 V buses
– 0.8 V (-40 °C to +85 °C)
– 0.9 V (-40 °C to +125 °C)
• Reset via I2C-bus software command
• I2C Device ID function
• No glitch on power-up
• Supports hot insertion since all channels are de-selected at power-on
• Low standby current
• 3.6 V tolerant inputs
• 0 Hz to 1 MHz clock frequency
• ESD protection exceeds 6000 V HBM per JESD22-A114 and 1000 V CDM per JESD22-C101
• Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
• Two packages offered: TSSOP24 and HVQFN24




Similar Part No. - PCA9848PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9848PW NXP-PCA9848PW Datasheet
1,018Kb / 32P
8-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 1-15 December 2014
PCA9848PW NXP-PCA9848PW Datasheet
369Kb / 26P
8-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 2.1 - 23 October 2023
PCA9848PWJ NXP-PCA9848PWJ Datasheet
1,018Kb / 32P
8-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 1-15 December 2014
PCA9848PWJ NXP-PCA9848PWJ Datasheet
369Kb / 26P
8-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 2.1 - 23 October 2023
More results


Similar Description - PCA9848PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9548A NXP-PCA9548A Datasheet
152Kb / 26P
8-channel I2C-bus switch with reset
Rev. 03-7 July 2009
PCA9846PWJ NXP-PCA9846PWJ Datasheet
961Kb / 32P
4-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 1-9 November 2015
PCA9847PWJ NXP-PCA9847PWJ Datasheet
1Mb / 31P
8-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 1-9 November 2015
PCA9848PWJ NXP-PCA9848PWJ Datasheet
1,018Kb / 32P
8-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 1-15 December 2014
PCA9849PWJ NXP-PCA9849PWJ Datasheet
968Kb / 30P
4-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 1-16 November 2015
logo
Nuvoton Technology Corp...
NCT5948Y NUVOTON-NCT5948Y Datasheet
990Kb / 26P
8-channel I2C-bus switch with reset
logo
NXP Semiconductors
PCA9847 NXP-PCA9847 Datasheet
427Kb / 29P
8-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 2.0 - 30 June 2023
PCA9849 NXP-PCA9849 Datasheet
449Kb / 27P
4-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 2.0 - 30 June 2023
PCA9848BS NXP-PCA9848BS Datasheet
385Kb / 26P
8-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 2.2 - 23 October 2023
PCA9848PW NXP-PCA9848PW Datasheet
369Kb / 26P
8-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 2.1 - 23 October 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com