Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK1850 Datasheet (PDF) - Renesas Technology Corp

2SK1850 Datasheet PDF - Renesas Technology Corp
Part # 2SK1850
Download  2SK1850 Download
File Size   489.33 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS FIELD EFFECT POWER TRANSISTOR

2SK1850 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK1850 Datasheet PDF - Renesas Technology Corp

Part # 2SK1850
Download  2SK1850 Click to download

File Size   489.33 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS FIELD EFFECT POWER TRANSISTOR

2SK1850 Datasheet (HTML) - Renesas Technology Corp


2SK1850 Product details

SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE i

DESCRIPTION
‘The 25K1850 is N-channel MOS Field Effect Transistor de-
signed for solenoid, motor and lamp driver.
FEATURES
- Low On-state Resistance
Rosion S 70 mQ (Vas = 10 V, Io = 5.0 A)
Rosion 595 m@ (Ves = 4V, o = 5.0 A)
- LowCiss Cis=1200 pF TYP.
- Built-in G-S Gate Protection Diode




Similar Part No. - 2SK1850

ManufacturerPart #DatasheetDescription
logo
NEC
2SK1850 NEC-2SK1850 Datasheet
356Kb / 6P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Similar Description - 2SK1850

ManufacturerPart #DatasheetDescription
logo
NEC
2SK611 NEC-2SK611 Datasheet
290Kb / 4P
MOS FIELD EFFECT POWER TRANSISTOR
logo
Guangdong Kexin Industr...
2SJ302 KEXIN-2SJ302 Datasheet
47Kb / 1P
Mos Field Effect Power Transistor
2SK1284 KEXIN-2SK1284 Datasheet
49Kb / 1P
MOS Field Effect Power Transistor
2SK1954 KEXIN-2SK1954 Datasheet
46Kb / 1P
MOS Field Effect Power Transistor
2SK2133 KEXIN-2SK2133 Datasheet
46Kb / 1P
MOS Field Effect Power Transistor
logo
Renesas Technology Corp
2SJ133 RENESAS-2SJ133 Datasheet
372Kb / 8P
MOS FIELD EFFECT POWER TRANSISTOR
2002
2SK1760 RENESAS-2SK1760 Datasheet
499Kb / 9P
MOS FIELD EFFECT POWER TRANSISTOR
1993
2SK1852 RENESAS-2SK1852 Datasheet
490Kb / 8P
MOS FIELD EFFECT POWER TRANSISTOR
1993
2SK1953 RENESAS-2SK1953 Datasheet
539Kb / 11P
MOS FIELD EFFECT POWER TRANSISTOR
1993
2SK2234 RENESAS-2SK2234 Datasheet
574Kb / 11P
MOS FIELD EFFECT POWER TRANSISTOR
1993
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com