Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1754847 Datasheet (PDF) - PHOENIX CONTACT

1754847 Datasheet PDF - PHOENIX CONTACT
Part # 1754847
Download  1754847 Download
File Size   1851.68 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MSTB 2,5/22-ST

1754847 Datasheet (PDF)

Go To PDF Page Download Datasheet
1754847 Datasheet PDF - PHOENIX CONTACT

Part # 1754847
Download  1754847 Click to download

File Size   1851.68 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MSTB 2,5/22-ST

1754847 Datasheet (HTML) - PHOENIX CONTACT


1754847 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Female connector, number of
potentials: 22, number of rows: 1, number of positions: 22, number of connections: 22, product
range: MSTB 2,5/..-ST, pitch: 5 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - Locking clip,
plug-in system: COMBICON MSTB 2,5, locking: without, mounting: without, type of packaging:
packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors




Similar Part No. - 1754847

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754843 PHOENIX-1754843 Datasheet
269Kb / 15P
Printed-circuit board connector - FKCN 2,5/ 7-STF-5,08
09/12/2020
More results


Similar Description - 1754847

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754449 PHOENIX-1754449 Datasheet
142Kb / 6P
MSTB 2,5/ 2-ST
1754481 PHOENIX-1754481 Datasheet
142Kb / 6P
MSTB 2,5/ 4-ST
1754504 PHOENIX-1754504 Datasheet
259Kb / 7P
MSTB 2,5/ 5-ST
1754562 PHOENIX-1754562 Datasheet
142Kb / 6P
MSTB 2,5/ 8-ST
1754627 PHOENIX-1754627 Datasheet
782Kb / 20P
MSTB 2,5/11-ST
1714061 PHOENIX-1714061 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/22-ST-5,08 BD:1-22
1757213 PHOENIX-1757213 Datasheet
117Kb / 9P
Printed-circuit board connector - MSTB 2,5/22-ST-5,08
1779615 PHOENIX-1779615 Datasheet
77Kb / 5P
Printed-circuit board connector - FRONT-MSTB 2,5/22-ST
1161197 PHOENIX-1161197 Datasheet
2Mb / 30P
PCB connector - MSTB 2,5/ 3-ST-5,08 BUBDWH:-S
Jul 20, 2022
1754821 PHOENIX-1754821 Datasheet
1Mb / 22P
PCB connector - MSTB 2,5/21-ST
Nov 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com