Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1533034 Datasheet (PDF) - PHOENIX CONTACT

1533034 Datasheet PDF - PHOENIX CONTACT
Part # 1533034
Download  1533034 Download
File Size   282.12 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PV-FI-X1F/M-S 4-6 PU1 - Connector

1533034 Datasheet (PDF)

Go To PDF Page Download Datasheet
1533034 Datasheet PDF - PHOENIX CONTACT

Part # 1533034
Download  1533034 Click to download

File Size   282.12 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PV-FI-X1F/M-S 4-6 PU1 - Connector

1533034 Datasheet (HTML) - PHOENIX CONTACT


1533034 Product details

Photovoltaic PCB connector, product range: XLIX, connector, housing material: PC/PA, color:
black, number of positions: 1, minimum conductor cross-section: 4 mm2, rated current: 35A,
maximum conductor cross-section: 6 mm2, rated current: 40A, connection method: spring,
contact type: socket plug




Similar Part No. - 1533034

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15330 ETC2-15330 Datasheet
385Kb / 1P
TERMINAL BOARDS & STRIPS
logo
Turck, Inc.
1533001 TURCK-1533001 Datasheet
276Kb / 3P
Inductive Sensor – With Analog Output
11/07/2023
1533002 TURCK-1533002 Datasheet
129Kb / 2P
Inductive Sensor – With Analog Output
11/07/2023
1533003 TURCK-1533003 Datasheet
360Kb / 4P
Inductive Sensor – With Analog Output
11/07/2023
1533004 TURCK-1533004 Datasheet
488Kb / 4P
Inductive Sensor – With Analog Output
11/07/2023
More results


Similar Description - 1533034

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1020775 PHOENIX-1020775 Datasheet
71Kb / 3P
Connector - PV-C4M-S 2,5-6
1020776 PHOENIX-1020776 Datasheet
65Kb / 2P
Connector - PV-C4F-S 2,5-6
1774674 PHOENIX-1774674 Datasheet
73Kb / 4P
Plug-in connector - PV-CF-S 2,5-6 ()
1774687 PHOENIX-1774687 Datasheet
76Kb / 4P
Plug-in connector - PV-CM-S 2,5-6 (-)
1789821 PHOENIX-1789821 Datasheet
68Kb / 3P
Connector - PV-C1F-S 2,5-6 ()
1789834 PHOENIX-1789834 Datasheet
69Kb / 3P
Connector - PV-C1M-S 2,5-6 (-)
1790784 PHOENIX-1790784 Datasheet
68Kb / 3P
Connector - PV-CF-S 6-16 ()
1790797 PHOENIX-1790797 Datasheet
69Kb / 3P
Connector - PV-CM-S 6-16 (-)
1284632 PHOENIX-1284632 Datasheet
257Kb / 10P
Connector - PV-C4M-S 6-16 (-)
1284634 PHOENIX-1284634 Datasheet
253Kb / 9P
Connector - PV-C4F-S 6-16 ()
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com