Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC711KA2CFS2 Datasheet (PDF) - NXP Semiconductors

MC68HC711KA2CFS2 Datasheet PDF - NXP Semiconductors
Part # MC68HC711KA2CFS2
Download  MC68HC711KA2CFS2 Download
File Size   2031.53 Kbytes
Page   76 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-Bit Microcontroller

MC68HC711KA2CFS2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC711KA2CFS2 Datasheet PDF - NXP Semiconductors

Part # MC68HC711KA2CFS2
Download  MC68HC711KA2CFS2 Click to download

File Size   2031.53 Kbytes
Page   76 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-Bit Microcontroller

MC68HC711KA2CFS2 Datasheet (HTML) - NXP Semiconductors


MC68HC711KA2CFS2 Product details

Features
M68HC11 Central Processing Unit (CPU)
• Power Saving STOP and WAIT Modes
768 Bytes RAM in MC68HC11 KA4, 1024 Bytes RAM in MC68HC11KA2 (Saved During Standby)
• 640 Bytes Electrically Erasable Programmable ROM (EEPROM)
• 24 Kbytes ROM/EPROM, 32 Kbytes ROM/EPROM in MC68HC11KA2
PROG Mode AlIows Use of Standard EPROM Programmer (27256 Footprint)
Nonmultiplexed Address and Data Buses
• Enhanced 16-8il Timer with Four-Stage Programmable Prescaler
- Three Input Capture (IC) Channe!s
- Four Output Compare (OC) Channels
- One Additiona! Channel, Selectable as Fourth IC or Fifth OC
8-Bit Pulse Accumulator
Four 8-8it or Two 16-8it Pulse-Width Modulation (PWM) Timer Channels
Real-Time Interrupt Circuit
Computer Operating Properly (COP) Watchdog
Enhanced Asynchronous Nonreturn to Zero (NRZ) Serial Communications Interface (SCI)
• Enhanced Synchronous Serial Peripheral Interface (SP!)
• Eight-Channel 8-8it Analog-to-Digital (AlD) Converter (Four Channels on 64-Pin Version)
Seven Bidirectional InpuVOutp바 (110) Ports (43 Pins)
• One Fixed Input-Only Port (8 Pins, 4 Pins on 64-Pin Version)
Availab!e in 68-Pin Plastic Leaded Chip Carrier (Custom ROM/OTPROM), 68-Pin Windowed
Ceramic Leaded Chip Carrier (EPROM), or 64-Pin Quad Flat Pack(Custom ROM/OTPROM)




Similar Part No. - MC68HC711KA2CFS2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC711KA2 MOTOROLA-MC68HC711KA2 Datasheet
678Kb / 4P
CONFIG Register Programming for EEPROM-based M68HC11 Microcontrollers
More results


Similar Description - MC68HC711KA2CFS2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com