Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8667 Datasheet (PDF) - Analog Devices

AD8667 Datasheet PDF - Analog Devices
Part # AD8667
Download  AD8667 Download
File Size   178.05 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16V, 250 A Low Power, Low Noise Dual Precision CMOS Rail-to-Rail Output Operational Amplifiers

AD8667 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8667 Datasheet PDF - Analog Devices

Part # AD8667
Download  AD8667 Click to download

File Size   178.05 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16V, 250 A Low Power, Low Noise Dual Precision CMOS Rail-to-Rail Output Operational Amplifiers

AD8667 Datasheet (HTML) - Analog Devices


AD8667 Product details

GENERAL DESCRIPTION

The AD8546 and AD8548 are dual and quad micropower, high input impedance amplifiers optimized for low power and wide operating supply voltage range applications.

The AD8546/AD8548 rail-to-rail input/output (RRIO) feature provides increased dynamic range to drive low frequency data converters, making these amplifiers ideal for dc gain and buffering of sensor front ends or high impedance input sources used in wireless or remote sensors or transmitters.

The low supply current specification (22 μA) of the AD8546/AD8548 over a wide operating voltage range of 2.7 V to 18 V or dual supplies (±1.35 V to ±9 V) makes these amplifiers useful for a variety of battery-powered, portable applications, such as ECGs, pulse monitors, glucose meters, smoke and fire detectors, vibration monitors, and backup battery sensors.



FEATURES

  Micropower at high voltage: 22 μA maximum

  Low input bias current: 20 pA maximum

  Gain bandwidth product: 240 kHz

  Slew rate: 80 V/ms

  Large signal voltage gain: 110 dB minimum

  Single-supply operation: 2.7 V to 18 V

  Dual-supply operation: ±1.35 V to ±9 V

  Unity-gain stable



APPLICATIONS

  Portable medical equipment

  Remote sensors

  Transimpedance amplifiers

  Current monitors

  4 mA to 20 mA loop drivers

  Buffer/level shifting



 




Similar Part No. - AD8667

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8667 AD-AD8667 Datasheet
849Kb / 16P
16 V, 250 關A, Dual Precision, CMOS, Rail-to-Rail Output Operational Amplifier
REV. 0
AD8667 AD-AD8667 Datasheet
825Kb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
10/07-Rev. 0 to Rev. A
AD8667 AD-AD8667 Datasheet
1Mb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8667 AD-AD8667 Datasheet
696Kb / 24P
22 關A, RRIO, CMOS, 18 V
REV. B
AD8667 AD-AD8667 Datasheet
657Kb / 15P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. D
More results


Similar Description - AD8667

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8605 AD-AD8605 Datasheet
559Kb / 20P
Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
5/04-Data Sheet Changed from Rev. C to Rev. D
AD8691 AD-AD8691 Datasheet
477Kb / 12P
Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
3/05-Rev. A to Rev. B
AD8663 AD-AD8663 Datasheet
289Kb / 5P
16V, 180關A Low Power, Low Noise, Single Precision CMOS Rail-to-Rail Output Operational Amplifiers
4/07-Revision 0
AD8691 AD-AD8691_07 Datasheet
433Kb / 12P
Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
ADA4691-2 AD-ADA4691-2 Datasheet
1Mb / 16P
Dual, Low Power, Wideband, Low Noise, Rail-to-Rail Output, Operational Amplifiers
REV. A
AD8603 AD-AD8603 Datasheet
448Kb / 16P
Precision Micropower, Low Noise CMOS, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
logo
New Japan Radio
NJU7078 NJRC-NJU7078 Datasheet
1Mb / 12P
Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com