Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8668ARZ Datasheet (PDF) - Analog Devices

AD8668ARZ Datasheet PDF - Analog Devices
Part # AD8668ARZ
Download  AD8668ARZ Download
File Size   524.79 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16 V, 4 MHz Rail-to-Rail Output Amplifiers

AD8668ARZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8668ARZ Datasheet PDF - Analog Devices

Part # AD8668ARZ
Download  AD8668ARZ Click to download

File Size   524.79 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16 V, 4 MHz Rail-to-Rail Output Amplifiers

AD8668ARZ Datasheet (HTML) - Analog Devices


AD8668ARZ Product details

GENERAL DESCRIPTION

The AD866x family are single supply, rail-to-rail output amplifiers with low noise performance featuring an extended operating range with supply voltages up to 16 V. They also feature low input bias currents, wide signal bandwidth, and low input voltage and current noise. For lower offset  voltage, choose the AD8661/AD8662/AD8664family.



FEATURES

Offset voltage: 2.5 mV max

Low input bias current: 1 pA max

Single-supply operation: 5 V to 16 V

Dual-supply operation: ±2.5 V to ±8 V

Low noise: 8 nV/√Hz @ 10 kHz

Wide bandwidth: 4 MHz

Rail-to-rail output

Unity-gain stable

Lead-free packaging



APPLICATIONS

Sensor amplification

Reference buffers

Medical equipment

Physiological measurements

Signal filters and conditioning

Consumer audio

Photodiode amplification

ADC driver

Level shifting circuits




Similar Part No. - AD8668ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8668ARZ AD-AD8668ARZ Datasheet
621Kb / 16P
16 V, 4 MHz RR0 Amplifiers
REV. B
AD8668ARZ AD-AD8668ARZ Datasheet
621Kb / 16P
16 V, 4 MHz RR0 Amplifiers
Rev. B
AD8668ARZ-REEL AD-AD8668ARZ-REEL Datasheet
621Kb / 16P
16 V, 4 MHz RR0 Amplifiers
REV. B
AD8668ARZ-REEL AD-AD8668ARZ-REEL Datasheet
621Kb / 16P
16 V, 4 MHz RR0 Amplifiers
Rev. B
AD8668ARZ-REEL7 AD-AD8668ARZ-REEL7 Datasheet
621Kb / 16P
16 V, 4 MHz RR0 Amplifiers
REV. B
More results


Similar Description - AD8668ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8568 AD-AD8568_03 Datasheet
139Kb / 12P
16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8638 AD-AD8638_07 Datasheet
646Kb / 20P
16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
REV. C
AD8639WARZ AD-AD8639WARZ Datasheet
629Kb / 20P
16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
AD8566 AD-AD8566_15 Datasheet
293Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8569 AD-AD8569_15 Datasheet
140Kb / 12P
16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8570 AD-AD8570_15 Datasheet
140Kb / 12P
16 V Rail-to-Rail Buffer Amplifiers
REV. C
AD8638 AD-AD8638_16 Datasheet
629Kb / 20P
16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
logo
STMicroelectronics
TSX920 STMICROELECTRONICS-TSX920 Datasheet
2Mb / 32P
10 MHz rail-to-rail CMOS 16 V operational amplifiers
14-Jan-2016
TSX9291 STMICROELECTRONICS-TSX9291 Datasheet
981Kb / 31P
16 MHz rail-to-rail CMOS 16 V operational amplifiers
28-Apr-2014
logo
Texas Instruments
TLV9741 TI1-TLV9741 Datasheet
1Mb / 31P
16-V, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com