Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA-2870 Datasheet (PDF) - Nel Frequency Controls,inc

HA-2870 Datasheet PDF - Nel Frequency Controls,inc
Part # HA-2870
Download  HA-2870 Download
File Size   292.27 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description Differential Positive ECL (DPECL)

HA-2870 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-2870 Datasheet PDF - Nel Frequency Controls,inc

Part # HA-2870
Download  HA-2870 Click to download

File Size   292.27 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description Differential Positive ECL (DPECL)

HA-2870 Datasheet (HTML) - Nel Frequency Controls,inc


HA-2870 Product details

Description

The HA-2870 Seriesof quartz crystal oscillators provide MECL 10K and 10KH series compatible signals in

industry standard four pin DIP hermetic package. Systems designers may now specify space-saving, cost

effective packaged PECL oscillators to meet their timing requirements.



Features

• Wide frequency range–18.0MHz to 250.0MHz

• User specified tolerance available

• Will withstand vapor phase temperatures of 253°C for 4 minutes maximum

• Space-saving alternative to discrete component oscillators

• High shock resistance, to 3000g

• All metal, resistance weld, hermetically sealed package

• Low Jitter

• MECL 10K and 10KH series compatible output on Pin 5, complement on Pin 1

• High Q Crystal actively tuned oscillator circuit

• Power supply decoupling internal

• No internal PLL avoids cascading PLL problems

• High frequencies due to proprietary design

• Gold plated leads - Solder dipped leads available upon request




Similar Part No. - HA-2870

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HA-2870 NEL-HA-2870_10 Datasheet
65Kb / 2P
Differential Positive ECL (DPECL)
More results


Similar Description - HA-2870

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SU-A29F0 NEL-SU-A29F0 Datasheet
152Kb / 2P
Differential Positive ECL (DPECL)
HK-2900 NEL-HK-2900 Datasheet
218Kb / 2P
Differential Positive ECL (DPECL)
HK-2910 NEL-HK-2910 Datasheet
218Kb / 2P
Differential Positive ECL (DPECL)
HS-A2870 NEL-HS-A2870 Datasheet
376Kb / 2P
Differential Positive ECL (DPECL)
HA-2870 NEL-HA-2870_10 Datasheet
65Kb / 2P
Differential Positive ECL (DPECL)
HS-2870 NEL-HS-2870_10 Datasheet
62Kb / 2P
Differential Positive ECL (DPECL)
HS-A2870 NEL-HS-A2870_10 Datasheet
62Kb / 2P
Differential Positive ECL (DPECL)
SD-X2980 NEL-SD-X2980 Datasheet
157Kb / 3P
Differential Positive ECL (DPECL)
SK-A29B0 NEL-SK-A29B0_10 Datasheet
89Kb / 3P
Differential Positive ECL (DPECL)
SK-A29C0 NEL-SK-A29C0_10 Datasheet
89Kb / 3P
Differential Positive ECL (DPECL)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com