Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-169 Datasheet (PDF) - Nel Frequency Controls,inc

HS-169 Datasheet PDF - Nel Frequency Controls,inc
Part # HS-169
Download  HS-169 Download
File Size   257.78 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description Single Frequency Oscillator 53.125MHz

HS-169 Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-169 Datasheet PDF - Nel Frequency Controls,inc

Part # HS-169
Download  HS-169 Click to download

File Size   257.78 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description Single Frequency Oscillator 53.125MHz

HS-169 Datasheet (HTML) - Nel Frequency Controls,inc


HS-169 Product details

Description

The HS-160 Seriesof quartz crystal oscillators are general purpose TTL oscillators. All units are resistance

welded in an all metal package, offering RFI shielding, and are designed to survive standard wave soldering

operations without damage. Insulated standoffs to enhance board cleaning are standard.



Features

• Wide frequency range–0.5MHz to 85.0MHz

• User specified tolerance available

• Will withstand vapor phase temperatures of 253°C for 4 minutes maximum

• Space-saving alternative to discrete component oscillators

• High shock resistance, to 3000g

• All metal, resistance weld, hermetically sealed package

• Low Jitter

• High Q Crystal actively tuned oscillator circuit

• Power supply decoupling internal

• No internal PLL avoids cascading PLL problems

• High frequencies due to proprietary design

• Gold plated leads - Solder dipped leads available upon request

• Low power consumption



 




Similar Part No. - HS-169

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-169 NEL-HS-169_10 Datasheet
58Kb / 2P
crystal oscillator is designed to support the TachyonTM clocking requirements at 26.5625MHz
More results


Similar Description - HS-169

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC815 FAIRCHILD-KSC815 Datasheet
38Kb / 4P
Low Frequency Amplifier & High Frequency Oscillator
logo
List of Unclassifed Man...
SG-636 ETC1-SG-636 Datasheet
68Kb / 2P
HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Epson Company
SG-710 EPSON-SG-710 Datasheet
124Kb / 2P
HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Pletronics, Inc.
PE8845DEV PLETRONICS-PE8845DEV Datasheet
157Kb / 8P
PE88D Single Frequency PECL Clock Oscillator
logo
Vanlong Technology Co.,...
PO321 VANLONG-PO321 Datasheet
37Kb / 1P
Fixed Frequency Crystal Oscillator
logo
Analog Devices
AD9552 AD-AD9552 Datasheet
494Kb / 32P
Oscillator Frequency Upconverter
Rev. C
logo
Crystek Corporation
CVCO33CX-2500-2500 CRYSTEKCRYSTAL-CVCO33CX-2500-2500 Datasheet
91Kb / 2P
Fixed Frequency Oscillator
logo
Silicon Laboratories
SI512 SILABS-SI512 Datasheet
1Mb / 20P
DUAL FREQUENCY CRYSTAL OSCILLATOR
logo
Raltron Electronics Cor...
CMC202 RALTRON-CMC202 Datasheet
732Kb / 6P
MEMS Standard Frequency Oscillator
logo
Analog Devices
AD9552 AD-AD9552_12 Datasheet
616Kb / 32P
Oscillator Frequency Upconverter
11/12-Rev. D to Rev. E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com