Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-370 Datasheet (PDF) - Nel Frequency Controls,inc

HS-370 Datasheet PDF - Nel Frequency Controls,inc
Part # HS-370
Download  HS-370 Download
File Size   257.87 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description CMOS

HS-370 Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-370 Datasheet PDF - Nel Frequency Controls,inc

Part # HS-370
Download  HS-370 Click to download

File Size   257.87 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description CMOS

HS-370 Datasheet (HTML) - Nel Frequency Controls,inc


HS-370 Product details

Description
The HS-370 Series of quartz crystal oscillators are resistance welded in an all metal package, offering RFI shielding, and are designed to survive standard wave soldering operations without damage. Insulated standoffs to enhance board cleaning are standard.

Features
• Wide frequency range–0.5MHz to 85.0MHz
• User specified tolerance available
• Will withstand vapor phase temperatures of 253°C for 4 minutes maximum
• Space-saving alternative to discrete component oscillators
• High shock resistance, to 3000g
• All metal, resistance weld, hermetically sealed package
• Low Jitter
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• High frequencies due to proprietary design
• Gold plated leads - Solder dipped leads available upon request




Similar Part No. - HS-370

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-370 NEL-HS-370_10 Datasheet
58Kb / 2P
Insulated standoffs to enhance board cleaning are standard
More results


Similar Description - HS-370

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA1630Q01 ETC-HA1630Q01 Datasheet
216Kb / 7P
CMOS
logo
Nel Frequency Controls,...
AC-A1460 NEL-AC-A1460 Datasheet
38Kb / 2P
CMOS
HS-A370 NEL-HS-A370 Datasheet
257Kb / 2P
CMOS
SJ-A370 NEL-SJ-A370 Datasheet
258Kb / 2P
CMOS
logo
List of Unclassifed Man...
VDA ETC2-VDA Datasheet
1Mb / 20P
CMOS
VDD ETC2-VDD Datasheet
1Mb / 22P
CMOS
VRD ETC2-VRD Datasheet
3Mb / 36P
CMOS
logo
Rohm
BD49K24G-TL ROHM-BD49K24G-TL Datasheet
507Kb / 18P
Standard CMOS Standard CMOS
logo
Shenzhen Titan Micro El...
TM74HC595 TITAN-TM74HC595 Datasheet
753Kb / 7P
CMOS
TM74HC04 TITAN-TM74HC04 Datasheet
181Kb / 6P
CMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com