Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM-APLC-N4200 Datasheet (PDF) - BCM Advanced Research.

ESM-APLC-N4200 Datasheet PDF - BCM Advanced Research.
Part # ESM-APLC-N4200
Download  ESM-APLC-N4200 Download
File Size   320.74 Kbytes
Page   1 Pages
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.
Description Intel® Celeron® N3350 / Pentium® N4200 / Atom™ E Series SoC Processor Type6 COMe Compact

ESM-APLC-N4200 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESM-APLC-N4200 Datasheet PDF - BCM Advanced Research.

Part # ESM-APLC-N4200
Download  ESM-APLC-N4200 Click to download

File Size   320.74 Kbytes
Page   1 Pages
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.
Description Intel® Celeron® N3350 / Pentium® N4200 / Atom™ E Series SoC Processor Type6 COMe Compact

ESM-APLC-N4200 Datasheet (HTML) - BCM Advanced Research.


ESM-APLC-N4200 Product details

Features
• Onboard Intel® Celeron®N3350 / Pentium® N4200 /
Atom™ E Series SoC BGA Processor • 1 x 204-pin SoDIMM socket supports up to 8GB DDR3L
1600 & 1333MHz SDRAM • Supports Dual Channel18/24 bit LVDS, Display Port, HDMI,
VGA, eDP (Optional) • Intel® I211 Gigabit Ethernet • 2 x SATA 3.0, 8 x USB 2.0, 4 x USB 3.0, 8-bit GPIO • HD Audio Interface • 9~19V Wide Range Power Input • Type 6 Rev 2.1 Pin-out • Compact Size: 3.7” x 3.7” (95mm x 95mm) • TPM2.0 (Optional) • eMMC 5.0 up to 64GB (Optional)




Similar Part No. - ESM-APLC-N4200

ManufacturerPart #DatasheetDescription
logo
BCM Advanced Research.
ESM-APLM BCM-ESM-APLM Datasheet
603Kb / 1P
Intel® Celeron®/ Pentium® SoC Processor COM Express Mini Size Type 10 Module
2021/07/21
ESM-APLM-N3350-A1R BCM-ESM-APLM-N3350-A1R Datasheet
603Kb / 1P
Intel® Celeron®/ Pentium® SoC Processor COM Express Mini Size Type 10 Module
2021/07/21
ESM-APLM-N4200-A1R BCM-ESM-APLM-N4200-A1R Datasheet
603Kb / 1P
Intel® Celeron®/ Pentium® SoC Processor COM Express Mini Size Type 10 Module
2021/07/21
More results


Similar Description - ESM-APLC-N4200

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-APL6 AAEON-GENE-APL6 Datasheet
606Kb / 2P
3.5” SubCompact Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/12/30
GENE-APL7 AAEON-GENE-APL7 Datasheet
527Kb / 2P
3.5” SubCompact Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/12/27
PICO-APL2 AAEON-PICO-APL2 Datasheet
513Kb / 2P
Pico-ITX Board with Intel Atom® E3900 series/ Pentium® N4200/ Celeron® N3350 Processor SoC
2023/01/11
PICO-APL4-SEMI AAEON-PICO-APL4-SEMI Datasheet
483Kb / 2P
PICO-SEMI TurnKit with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/10/04
PICO-APL4 AAEON-PICO-APL4 Datasheet
549Kb / 2P
Pico-ITX Board with Intel® Atom™/ Pentium® N4200/ Celeron® N3350 Processor SoC
2022/09/13
UP4000 AAEON-UP4000 Datasheet
669Kb / 2P
UP Developer Board with Intel® Celeron® N3350/ Intel® Pentium® N4200/ Intel Atom® x7-E3950 Processor SoC
2022/10/25
UP-EDGE-APL03C2F-A10-0216 AAEON-UP-EDGE-APL03C2F-A10-0216 Datasheet
363Kb / 2P
UP 4000 System with Intel® Pentium® N4200/ Celeron® N3350/ Atom E3950 ™ Processor SoC
2022/09/07
UPN-APLC2F-A10-0232 AAEON-UPN-APLC2F-A10-0232 Datasheet
694Kb / 2P
Developer Board with Intel® Pentium® N4200/ Celeron® N3350/ Atom™ E3950 Processor SoC
UPN-EDGE-APLC2F-A10-0232 AAEON-UPN-EDGE-APLC2F-A10-0232 Datasheet
498Kb / 2P
UP Squared Pro EDGE System with Intel® Pentium® N4200/ Celeron® N3350/ Atom™ E3950 Processor SoC
UPS-APLC2F-A20-0232 AAEON-UPS-APLC2F-A20-0232 Datasheet
611Kb / 2P
UP Squared Developer Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com