Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9450 Datasheet (PDF) - Maxim Integrated Products

MAX9450 Datasheet PDF - Maxim Integrated Products
Part # MAX9450
Download  MAX9450 Download
File Size   306.92 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Precision Clock Generators with Integrated VCXO

MAX9450 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9450 Datasheet PDF - Maxim Integrated Products

Part # MAX9450
Download  MAX9450 Click to download

File Size   306.92 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Precision Clock Generators with Integrated VCXO

MAX9450 Datasheet (HTML) - Maxim Integrated Products


MAX9450 Product details

General Description
The MAX9450/MAX9451/MAX9452 clock generators provide high-precision clocks for timing in SONET/SDH systems or Gigabit Ethernet systems. The MAX9450/MAX9451/MAX9452 can also provide clocks for the high-speed and high-resolution ADCs and DACs in 3G base stations. Additionally, the devices can also be used as a jitter attenuator for generating high-precision CLK signals.

Features
♦ Integrated VCXO Provides a Cost-Effective Solution for High-Precision Clocks
♦ 8kHz to 500MHz Input Frequency Range
♦ 15MHz to 160MHz Output Frequency Range
♦ I2C or SPI Programming for the Input and Output Frequency Selection
♦ PLL Lock Range > ±60ppm
♦ Two Differential Outputs with Three Types of Signaling: LVPECL, LVDS, or HSTL
♦ Input Clock Monitor with Hitless Switch
♦ Internal Holdover Function within ±20ppm of the Nominal Frequency
♦ Low Output CLK Jitter: < 0.8ps RMS in the 12kHz to 20MHz Band
♦ Low Phase Noise > -130dBc at 100kHz, > -140dBc at 1MHz

Applications
    SONET/SDH Systems
    10 Gigabit Network Routers and Switches
    3G Cellular Phone Base Stations
    General Jitter Attenuation




Similar Part No. - MAX9450

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MAX9450 MICROSEMI-MAX9450 Datasheet
467Kb / 19P
High-Precision Clock Generators with Integrated VCXO
Rev 3
logo
Maxim Integrated Produc...
MAX9450EHJ MAXIM-MAX9450EHJ Datasheet
309Kb / 18P
High-Precision Clock Generators with Integrated VCXO
Rev 3; 11/07
logo
Microsemi Corporation
MAX9450EHJ MICROSEMI-MAX9450EHJ Datasheet
467Kb / 19P
High-Precision Clock Generators with Integrated VCXO
Rev 3
logo
Maxim Integrated Produc...
MAX9450 MAXIM-MAX9450_07 Datasheet
309Kb / 18P
High-Precision Clock Generators with Integrated VCXO
Rev 3; 11/07
More results


Similar Description - MAX9450

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY241V08A-12 CYPRESS-CY241V08A-12 Datasheet
133Kb / 6P
Clock Generator with VCXO
logo
National Semiconductor ...
LMK02000 NSC-LMK02000 Datasheet
444Kb / 20P
Precision Clock Conditioner with Integrated PLL
LMK03002 NSC-LMK03002 Datasheet
476Kb / 24P
Precision Clock Conditioner with Integrated VCO
logo
Maxim Integrated Produc...
MAX9450 MAXIM-MAX9450_07 Datasheet
309Kb / 18P
High-Precision Clock Generators with Integrated VCXO
Rev 3; 11/07
logo
Integrated Device Techn...
MK2069-03 IDT-MK2069-03 Datasheet
397Kb / 21P
VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
logo
National Semiconductor ...
LMK02002 NSC-LMK02002 Datasheet
418Kb / 18P
Precision Clock Conditioner with Integrated PLL
LMK03000 NSC-LMK03000_08 Datasheet
628Kb / 30P
Precision Clock Conditioner with Integrated VCO
LMK03000 NSC-LMK03000_09 Datasheet
700Kb / 30P
Precision Clock Conditioner with Integrated VCO
LMK03002C NSC-LMK03002C_14 Datasheet
2Mb / 28P
Precision Clock Conditioner with Integrated VCO
logo
Microsemi Corporation
MAX9450 MICROSEMI-MAX9450 Datasheet
467Kb / 19P
High-Precision Clock Generators with Integrated VCXO
Rev 3
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com